Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-005 Fiches technique(PDF) 14 Page - API Technologies Corp

No de pièce 54-367-005
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-005 Fiches technique(HTML) 14 Page - API Technologies Corp

Back Button 54-367-005 Datasheet HTML 8Page - API Technologies Corp 54-367-005 Datasheet HTML 9Page - API Technologies Corp 54-367-005 Datasheet HTML 10Page - API Technologies Corp 54-367-005 Datasheet HTML 11Page - API Technologies Corp 54-367-005 Datasheet HTML 12Page - API Technologies Corp 54-367-005 Datasheet HTML 13Page - API Technologies Corp 54-367-005 Datasheet HTML 14Page - API Technologies Corp 54-367-005 Datasheet HTML 15Page - API Technologies Corp 54-367-005 Datasheet HTML 16Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
85°C
125°C
Rated Voltage
DC
AC
14
13
13
13
13
19
19
21
19
19
19
19
25
25
39
32
32
30
30
36
35
80
69
69
61
61
60
57
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.690 ø L Circuit MIL Qualified Product
¦
51-320-015
51-320-017
51-320-018
51-323-003
51-323-004
¦
51-322-009
51-322-017
See Pg.
LP38
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
2
2
3.00
5.00
5.00
10.0
10.0
15.0
20.0
0.250
0.250
0.250
0.250
0.250
0.250
0.360
70
70
70
70
70
70
70
70
70
70
70
70
70
70
200
200
200
200
200
200
200
125
125
125
125
125
125
125
DC
AC
M15733
MIL
No
27-0005
27-0008
27-0009
27-0011
27-0012
27-0014
34-0002
Max
L
0.900
0.900
0.900
1.031
1.031
1.763
1.763
(22.860)
(22.860)
(22.860)
(26.187)
(26.187)
(44.780)
(44.780)
In
(mm)
DCR
Max
Ohms
0.033
0.016
0.016
0.005
0.005
0.007
0.050
CKT
LT
LT
LB
LT
LB
LT
LB
(See MIL index on pages CF9-11 for complete
MIL part number listing)
85°C
125°C
Rated Voltage
DC
AC
19
19
11
11
10
10
10
10
30
30
19
19
16
16
16
16
46
46
36
36
28
28
25
25
60
60
60
60
54
54
48
48
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
.690 ø L Circuit DSCC 84084 Product
51-320-162
51-320-163
51-320-164
51-320-165
51-320-166
51-320-167
51-320-168
51-320-169
See Pg.
LP38
for Fig.
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
1
1
1
1
1
1
1.00
1.00
3.00
3.00
5.00
5.00
10.0
10.0
0.150
0.150
0.150
0.150
0.150
0.150
0.150
0.150
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
70
400
400
400
400
400
400
400
400
230
230
230
230
230
230
230
230
DC
AC
84084
No
-004
-005
-006
-007
-008
-009
-010
-011
Max
L
0.905
0.905
0.905
0.905
0.905
0.905
0.905
0.905
(22.987)
(22.987)
(22.987)
(22.987)
(22.987)
(22.987)
(22.987)
(22.987)
In
(mm)
DCR
Max
Ohms
0.150
0.150
0.026
0.026
0.013
0.013
0.008
0.008
CKT
LT
LB
LT
LB
LT
LB
LT
LB
¦
Also available through API’s authorized distributors.
L-C Filter LT
L-C Filter LB
LP39
Threaded
End
Threaded
End


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn