Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

54-367-005 Fiches technique(PDF) 12 Page - API Technologies Corp

No de pièce 54-367-005
Description  Hermetically Sealed Threaded Case Filters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  APITECH [API Technologies Corp]
Site Internet  http://www.apitech.com/
Logo APITECH - API Technologies Corp

54-367-005 Fiches technique(HTML) 12 Page - API Technologies Corp

Back Button 54-367-005 Datasheet HTML 8Page - API Technologies Corp 54-367-005 Datasheet HTML 9Page - API Technologies Corp 54-367-005 Datasheet HTML 10Page - API Technologies Corp 54-367-005 Datasheet HTML 11Page - API Technologies Corp 54-367-005 Datasheet HTML 12Page - API Technologies Corp 54-367-005 Datasheet HTML 13Page - API Technologies Corp 54-367-005 Datasheet HTML 14Page - API Technologies Corp 54-367-005 Datasheet HTML 15Page - API Technologies Corp 54-367-005 Datasheet HTML 16Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
API TECHNOLOGIES
• 8061 Avonia Rd. • Fairview, PA 16415 • Ph: 814-474-1571 • Fax: 814-474-3110 • eis.apitech.com
API TECHNOLOGIES’ SPECTRUM CONTROL GmbH
• Hansastrasse 6 • 91126 Schwabach, Germany • Phone: (49)-9122-795-0 • Fax: (49)-9122-795-58
Hermetically Sealed
Threaded Case Filters
.250
(6.35)
.560 Max.
(14.22)
.312
(7.92)
.115 ± .005
(2.92 ± .127)
5/16–24 Unf–2A Thd.
ø .687 ± .015
(17.45 ± .38)
.062
(1.57) x .125 (3.17)
Slot, both ends
L
Figure 1
85°C
125°C
Rated Voltage
DC
AC
10
6
6
29
19
19
14
14
39
25
25
19
19
50
36
36
30
30
60
50
50
45
50
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
¦
9932-100-6004
54-310-001
54-310-005
54-310-009
¦
9932-100-6005
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
1
2
1
1
15
15
25
15
15
2.600
0.500
0.500
0.250
0.250
70
70
70
60
70
70
70
70
70
70
200
300
250
450
450
150
300
200
400
400
240
240
125
125
240
240
DC
AC
MIL
No
Max
L
0.702
0.560
0.750
0.560
0.560
(17.831)
(14.224)
(19.050)
(14.224)
(14.224)
In
(mm)
DCR
Max
Ohms
0.005
0.005
0.005
0.005
0.005
¦
Also available through API’s authorized distributors.
85°C
125°C
Rated Voltage
DC
AC
5
15
21
31
51
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
54-310-039
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
15
0.200
70
70
275
125
DC
AC
M15733
MIL
No
34-0037
Max
L
0.575
(14.605)
In
(mm)
DCR
Max
Ohms
0.005
.690 ø C Circuit MIL Qualified Product
85°C
125°C
Rated Voltage
DC
AC
10
16
26
40
Minimum Insertion Loss (dB)
I
Amp
Min
Cap
µF
150
KHz
Part Number
54-310-042
Figure
300
KHz
1
MHz
10
MHz
100
MHz
1
GHz
30
KHz
1
15
0.150
52
70
400
230
DC
AC
84084
No
-001
Max
L
0.700
(17.780)
In
(mm)
DCR
Max
Ohms
0.005
.690 ø C Circuit DSCC 84084 Product
.250
(6.35)
.735 Max.
(18.62)
.312
(7.92)
L
ø .687 ± .015
(17.45 ± .38)
5/16–24 Unf–2A Thd.
.093
(2.36)
ø Hole, both ends
Figure 2
Dimensions in inches
(mm)
.690 ø C Circuit
.690 ø C Circuit Standard Product
LP37


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn