Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-HM65 Fiches technique(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-HM65
Description  Precision Optical Performance Red, Green, and Blue New 5mm Standard Oval LEDs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-HM65 Fiches technique(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-HM65 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HLMP-HM65 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Avago Technologies
- 10 -
HLMP-HG65, HLMP-HM65, HLMP-HB65
Data Sheet
Application Precautions
If the PCB board contains both through hole (TH) LED and
other surface mount components, it is recommended that
surface mount components be soldered on the top side of
the PCB. If the surface mount must be on the bottom side,
these components should be soldered using reflow
soldering prior to insertion the TH LED.
The following table shows the recommended PC board
plated through holes (PTH) size for LED component leads.
Over-sizing the PTH can lead to a twisted LED after
clinching. On the other hand, under-sizing the PTH can
cause difficulty when inserting the TH LED.
NOTE
Refer to application note AN5334 for more
information about soldering and handling of
high brightness TH LED lamps.
Application Precautions
1.
The drive current of the LED must not exceed the
maximum allowable limit across temperature as stated in
the data sheet. Constant current driving is recommended
to ensure consistent performance.
2.
LEDs do exhibit slightly different characteristics at different
drive currents that might result in larger performance
variations (such as intensity, wavelength, and forward
voltage). The user is recommended to set the application
current as close as possible to the test current to minimize
these variations.
3.
The LED is not intended for reverse bias. Use other
appropriate components for such purposes. When driving
the LED in matrix form, it is crucial to ensure that the
reverse bias voltage does not exceed the allowable limit of
the LED.
LED Component Lead
Size
Diagonal
Plated through Hole
Diameter
0.45 × 0.45 mm
(0.018 × 0.018 inch)
0.636 mm
(0.025 in.)
0.98 to 1.08 mm
(0.039 to 0.043 in.)
0.50 x 0.50 mm
(0.020 × 0.020 inch)
0.707 mm
(0.028 in.)
1.05 to 1.15 mm
(0.041 to 0.045 in.)


Numéro de pièce similaire - HLMP-HM65

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HM61 AVAGO-HLMP-HM61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM61-Y30ZZ AVAGO-HLMP-HM61-Y30ZZ Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-HM63 AVAGO-HLMP-HM63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM63-Y30XX AVAGO-HLMP-HM63-Y30XX Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HM64-Y30XX AVAGO-HLMP-HM64-Y30XX Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
More results

Description similaire - HLMP-HM65

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG63 AVAGO-HLMP-HG63 Datasheet
449Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-HG64 AVAGO-HLMP-HG64 Datasheet
265Kb / 12P
   Precision Optical Performance Red, Green and Blue New 5mm Standard Oval LEDs
HLMP-AG64 AVAGO-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
Broadcom Corporation.
HLMP-AG64 BOARDCOM-HLMP-AG64 Datasheet
231Kb / 12P
   Precision Optical Performance Red Green and Blue New 5mm Mini Oval LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HD61 AVAGO-HLMP-HD61 Datasheet
272Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Standard Oval LEDs
HLMP-LD63 AVAGO-HLMP-LD63 Datasheet
469Kb / 12P
   Precision Optical Performance Red, Green and Blue New 4mm Standard Oval LEDs
HLMP-LG65-VY0DD AVAGO-HLMP-LG65-VY0DD Datasheet
343Kb / 8P
   Precision Optical Performance Red New 4mm Standard Oval LEDs
HLMP-AD61 AVAGO-HLMP-AD61 Datasheet
204Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
logo
Agilent(Hewlett-Packard...
HLMP-AB87 HP-HLMP-AB87 Datasheet
78Kb / 8P
   5mm Mini Oval Precision Optical Performance Red, Blue and Green LEDs.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD85 AVAGO-HLMP-AD85 Datasheet
353Kb / 12P
   Precision Optical Performance Red, Green and Blue 5mm Mini Oval LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com