Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-AL70 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-AL70
Description  5 mm Mini Oval Red and Amber LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-AL70 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-AL70 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-AL70 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Avago Color Bin on CIE 1931 Chromaticity Diagram
0.280
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
0.550
0.600
0.650
0.700
0.750
0.800
X
1
2
4
6
Amber
Red
Intensity Bin Limit Table (1.2 : 1 Iv Bin Ratio)
Bin
Intensity (mcd) at 20 mA
Min
Max
Y
1990
2400
Z
2400
2900
1
2900
3500
2
3500
4200
3
4200
5040
Tolerance for each bin limit is ± 15%
VF Bin Table (V at 20 mA)
Bin ID
Min
Max
VD
1.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Tolerance for each bin limit is ±0.05 V.
Red Color Range
Min
Dom
Max
Dom
Chromaticity Coordinate
618.0
630.0
x
0.6872
0.3126
0.6890
0.2943
y
0.6690
0.3149
0.7080
0.2920
Tolerance for each bin limit is ± 0.5 nm
Amber Color Range
Bin
Min
Dom
Max
Dom
Chromaticity Coordinate
1
584.5 587.0 x
0.5420
0.4580
0.5530
0.4400
y
0.5370
0.4550
0.5570
0.4420
2
587.0 589.5 x
0.5570
0.4420
0.5670
0.4250
y
0.5530
0.4400
0.5720
0.4270
4
589.5 592.0 x
0.5720
0.4270
0.5820
0.4110
y
0.5670
0.4250
0.5870
0.4130
6
592.0 594.5 x
0.5870
0.4130
0.5950
0.3980
y
0.5820
0.4110
0.6000
0.3990
Tolerance for each bin limit is ± 0.5 nm
Note:
1. All bin categories are established for classification of products.
Products may not be available in all bin categories. Please contact
your Avago representative for further information.


Numéro de pièce similaire - HLMP-AL70

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-AL01-L0R00 HP-HLMP-AL01-L0R00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0RDD HP-HLMP-AL01-L0RDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0RYY HP-HLMP-AL01-L0RYY Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0T00 HP-HLMP-AL01-L0T00 Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-AL01-L0TDD HP-HLMP-AL01-L0TDD Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
More results

Description similaire - HLMP-AL70

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A_15 Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
Cree, Inc
C503B-RAS CREE-C503B-RAS Datasheet
533Kb / 8P
   5-mm Red and Amber Round LEDs
logo
Marktech Corporate
C503B-R-A MARKTECH-C503B-R-A Datasheet
815Kb / 13P
   5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HG70 AVAGO-HLMP-HG70 Datasheet
1Mb / 13P
   5mm Standard Oval Red and Amber LEDs
logo
Marktech Corporate
C503B-RAS MARKTECH-C503B-RAS Datasheet
815Kb / 13P
   Cree짰 5-mm Red and Amber Round LEDs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1S-Z20DD AVAGO-HLMP-EG1S-Z20DD Datasheet
408Kb / 12P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
HLMP-EG1G-Y10DD AVAGO-HLMP-EG1G-Y10DD Datasheet
246Kb / 11P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Broadcom Corporation.
HLMP-EG1G-Y10DD BOARDCOM-HLMP-EG1G-Y10DD Datasheet
907Kb / 14P
   T-1쩐 (5 mm) High Brightness AlInGaP Red and Amber LEDs
logo
Cree, Inc
C503T-RAS CREE-C503T-RAS Datasheet
1Mb / 8P
   Cree짰 5-mm Red and Amber Round LED
C503C-RCS CREE-C503C-RCS Datasheet
950Kb / 9P
   Cree 5-mm Red and Amber Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com