Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FW.81.SMA.M Fiches technique(PDF) 3 Page - Taoglas antenna solutions

No de pièce FW.81.SMA.M
Description  Robust but Flexible Inner Steel Whip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW.81.SMA.M Fiches technique(HTML) 3 Page - Taoglas antenna solutions

  FW.81.SMA.M Datasheet HTML 1Page - Taoglas antenna solutions FW.81.SMA.M Datasheet HTML 2Page - Taoglas antenna solutions FW.81.SMA.M Datasheet HTML 3Page - Taoglas antenna solutions FW.81.SMA.M Datasheet HTML 4Page - Taoglas antenna solutions FW.81.SMA.M Datasheet HTML 5Page - Taoglas antenna solutions FW.81.SMA.M Datasheet HTML 6Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SPE-12-8-034/C/PK
Page 3 of 6
2.Specification Table
Meteor FW.81
Frequency (MHz)
135
Peak Gain (dBi) *
0dBi
Average Gain (dBi) *
-3.9
Efficiency (%) *
40%
Impedance (Ω)
50
Polarization
Linear
Radiation Pattern
Omni
Input Power(W)
50
MECHANICAL
Dimensions (mm)
353xφ16
Base Diameter (mm)
φ16
Whip Diameter (mm)
φ4
Casing
ABS
Connector
SMA(M)
ENVIRONMENTAL
Temperature Range
-40°C to 85°C
Humidity
Non-condensing 65°C 95% RH
* For low frequency antennas these parameters can only be estimated using RF formula
calculation, simulation or rough field test comparisons with large benchmark antennas.


Numéro de pièce similaire - FW.81.SMA.M

FabricantNo de pièceFiches techniqueDescription
logo
Taoglas antenna solutio...
FW.80.SMA.M TAOGLAS-FW.80.SMA.M Datasheet
471Kb / 7P
   High Efficiency Outdoor Antenna
FW.86.B.NTY.M TAOGLAS-FW.86.B.NTY.M Datasheet
833Kb / 11P
   Rugged Design for Outdoor Use
logo
List of Unclassifed Man...
FW.86.B.SMA-.M ETC2-FW.86.B.SMA-.M Datasheet
2Mb / 11P
   External 868MHz Monopole Antenna
logo
Taoglas antenna solutio...
FW.86.B.SMA.M TAOGLAS-FW.86.B.SMA.M Datasheet
1Mb / 12P
   Designed for Outdoor Use
FW.86.RNT.M TAOGLAS-FW.86.RNT.M Datasheet
859Kb / 14P
   External 868MHz Monopole Antenna
More results

Description similaire - FW.81.SMA.M

FabricantNo de pièceFiches techniqueDescription
logo
Taoglas antenna solutio...
WM.90.A305111 TAOGLAS-WM.90.A305111 Datasheet
1Mb / 21P
   flexible inner steel core whip
WM.80.B.305111 TAOGLAS-WM.80.B.305111 Datasheet
532Kb / 6P
   Flexible Inner Steel Core Whip
FW.90.SMA.M TAOGLAS-FW.90.SMA.M Datasheet
1Mb / 17P
   Robust Inner Steel Core
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
   Flexible Whip Monopole Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
WM.90.A.305111 TAOGLAS-WM.90.A.305111 Datasheet
1Mb / 18P
   WALL MOUNT FLEXIBLE WHIP MONOPOLE
WM90A305111 TAOGLAS-WM90A305111 Datasheet
1Mb / 21P
   Wall Mount Flexible Whip Monopole
FW24SMAM TAOGLAS-FW24SMAM Datasheet
984Kb / 12P
   Meteor 2.4GHz Flexible Whip Monopole Antenna
logo
Marl International Limi...
524-501-21_1312 MARL-524-501-21_1312 Datasheet
434Kb / 5P
   Robust stainless steel housing
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com