Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-0504-C00xx Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-0504-C00xx
Description  Rectangular light emitting surface
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-0504-C00xx Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-0504-C00xx Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-0504-C00xx Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings at TA = 25°C
Parameter
HLMP-R100
HLMP-0301
HLMP-0401
HLMP-0504
Units
Peak Forward Current
300
90
60
90
mA
Average Forward Current[1]
20
25
20
25
mA
DC Current[2]
30
30
20
30
mA
Power Dissipation
87
135
85
135
mW
Reverse Voltage (IR = 100 μA)
5
5
5
5
V
Transient Forward Current[3] (10
μs Pulse)
500
500
500
500
mA
Operating Temperature Range
-20 to +100
-40 to +100
-40 to +100
-20 to +100
°C
Storage Temperature Range
-40 to +100
-40 to +100
-40 to +100
-40 to +100
Notes:
1. See Figure 5 to establish pulsed operating conditions.
2. For AlGaAs Red, Red, and Green Series derate linearly from 50°C at 0.5 mA/°C. For Yellow Series derate linearly from 50°C at 0.2 mA/°C.
3. The transient peak current is the maximum non-recurring peak current that can be applied to the device without damaging the LED die and
wirebond. It is not recommended that the device be operated at peak current beyond the peak forward current listed in the Absolute Maximum
Ratings.


Numéro de pièce similaire - HLMP-0504-C00xx

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-0504-C00XX BOARDCOM-HLMP-0504-C00XX Datasheet
223Kb / 8P
   2.5 mm x 7.6 mm Rectangular LED Lamps
More results

Description similaire - HLMP-0504-C00xx

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMA-SH05 AVAGO-HLMA-SH05 Datasheet
97Kb / 3P
   Rectangular light emitting surface
logo
Fairchild Semiconductor
QEB441TR FAIRCHILD-QEB441TR Datasheet
127Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
QEB441 FAIRCHILD-QEB441 Datasheet
121Kb / 4P
   SURFACE MOUNT INFRARED LIGHT EMITTING DIODE
logo
NEC
SE310 NEC-SE310 Datasheet
58Kb / 2P
   LIGHT EMITTING
logo
Lite-On Technology Corp...
LTL-57173HR LITEON-LTL-57173HR Datasheet
134Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2450Y LITEON-LTL-2450Y Datasheet
135Kb / 5P
   RECTANGULAR LIGHT BAR
LTL-2685HR LITEON-LTL-2685HR Datasheet
143Kb / 5P
   RECTANGULAR LIGHT BAR
logo
NTE Electronics
NTE30002 NTE-NTE30002 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) 0805 Surface Mount
NTE30074 NTE-NTE30074 Datasheet
92Kb / 3P
   Light Emitting Diode (LED) 1206 Surface Mount
logo
Lite-On Technology Corp...
LTL-2755Y LITEON-LTL-2755Y Datasheet
136Kb / 5P
   RECTANGULAR LIGHT BAR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com