Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-Y601 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-Y601
Description  The junction temperature of the device determines
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-Y601 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-Y601 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y601 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-Y601 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Table 2. Reliability Predictions
Demonstrated Performance
Ambient
Temperature
(°C)
Junction
Temperature[3]
(°C)
Performance in Time (60% Confidence)
Performance in Time (90% Confidence)
MTBF [1]
Failure Rate [2]
(%/1K Hours)
MTBF
Failure Rate
(%/1K Hours)
85
110
86100
1.161
34300
2.915
80
109
88800
1.126
35400
2.825
75
108
91700
1.091
36500
2.740
70
103
109100
0.917
43400
2.304
65
98
130500
0.766
52000
1.923
60
93
156900
0.637
62400
1.603
55
88
189500
0.528
75400
1.326
50
83
230200
0.434
91600
1.092
45
78
281200
0.356
111900
0.894
40
73
345400
0.290
137500
0.727
35
68
426800
0.234
169900
0.589
30
63
530800
0.188
211300
0.473
25
58
664600
0.150
264500
0.378
Notes:
[1] The 60% or 90% confidence MTBF represents the minimum level of reliability performance which is expected from 60% or 90% of all samples. The
confidence level is established based on the chi-square distribution.
[2] Failure rate (%/1K Hours) is 1/MTBF x 105, assuming the failures are exponentially distributed.
[3] Data generated based on 55°C, 20mA and θJA = 780°C/W
Example of Failure Rate Calculation
Assume a device operating 8 hours/day, 5 days/week. The utilization factor, given 168hours/week is:
(8hous/day) x (5 days/week) / (168 hours/week) = 0.25
The point failure rate per year (8760 hours) at 75
°C ambient temperature is:
(1.091% / 1K hours) x 0.25 x (8760 hours/year) = 2.39% per year
Similarly, 90% confidence level failure rate per year at 75
°C:
(2.74% / 1K hours) x 0.25 x (8760 hours/year) = 6.00% per year.


Numéro de pièce similaire - HLMP-Y601

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
HLMP-Y601-J00XX BOARDCOM-HLMP-Y601-J00XX Datasheet
456Kb / 6P
   T-1 (3 mm) AlInGaP LED Lamps
More results

Description similaire - HLMP-Y601

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
EV-VND5E160J STMICROELECTRONICS-EV-VND5E160J Datasheet
134Kb / 8P
   The diagnostic feedback of the whole device
logo
Integrated Device Techn...
ICS97U2A845A IDT-ICS97U2A845A Datasheet
220Kb / 13P
   Double the drive of the standard 97U877 device
logo
Silicon Laboratories
SI7060 SILABS-SI7060 Datasheet
973Kb / 17P
   The Si7060 family of I2C temperature sensors measure and digitize the local temperature at the device. 4 modes of operation are possible:
Rev. 0.1
logo
Texas Instruments
ADS8568EVM-PDK TI1-ADS8568EVM-PDK Datasheet
5Mb / 23P
[Old version datasheet]   The ADS8568EVM allows evaluation of all aspects of the ADS8568 device.
logo
Renesas Technology Corp
BCR5PM-12L RENESAS-BCR5PM-12L Datasheet
138Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CS-12LB RENESAS-BCR10CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10PM-12LD RENESAS-BCR10PM-12LD Datasheet
127Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR12CS-12LB RENESAS-BCR12CS-12LB Datasheet
125Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR30AM-12LB RENESAS-BCR30AM-12LB Datasheet
118Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
BCR10CM-12LB RENESAS-BCR10CM-12LB Datasheet
126Kb / 8P
   Triac Medium Power Use (The product guaranteed maximum junction temperature of 150째C)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com