Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-NG07 Fiches technique(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-NG07
Description  High brightness light output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-NG07 Fiches technique(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-NG07 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-NG07 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Absolute Maximum Ratings at TA = 25 ºC
AlInGaP
Parameter
Yellow
Amber & Red
Units
DC Forward Current[1]
20
30[2,3]
mA
Reverse Voltage (Ir = 100 µA)
5
V
Junction Temperature, Tjmax
110
°C
Storage Temperature Range
-40 to +85
°C
Operating Temperature Range
-20 to +85
-40 to +85
°C
Notes:
1. See Figure 4 for maximum current derating vs. ambient temperature.
2. Suggested minimum DC current: 10 mA.
3. Maximum Peak Pulsed Forward Current: 50 mA, 30 mA average.
Electrical Characteristics at TA = 25ºC
Capacitance
Thermal
Speed of Response
C (pF) ,
Resistance
τs (ns)
Forward Voltage Vf (Volts)
Vf = 0, f = 1 MHz
R
θJ-PIN
Time Constant e-t/
τs
Part Number
Typ.
Max.
If (mA)
Typ.
(°C/W)
Typ.
HLMP-N305
2.00
2.6
10
15
290
90
HLMP-NL06[1]
2.02
2.4
20
40
240
20
HLMP-NG0x[1]
1.90
2.4
20
40
240
20
Note:
1. Please contact your Avago Sales Representative about operating currents below 10 mA.
Optical Characteristics at TA = 25 ºC
Typ. Dominant
Typ. Spectral
Luminous
Luminous Intensity [1]
Typ. Peak
Wavelength [2]
Half Width
Efficacy [3]
Part Number
Min. (mcd)
If (mA)
Wavelength (nm)
(nm)
(nm)
(lm/W)
HLMP-NG05
90.2
20
635
626
17
150
HLMP-NG07
90.2
20
635
626
17
150
HLMP-NL06
96.2
20
592
590
17
480
HLMP-N305
14.7
10
583
585
36
500
Notes:
1. The luminous intensity, lv, is measured at the mechanical axis of the lamp package. The actual peak of the spatial radiation pattern may not be
aligned with this axis.
2. The dominant wavelength,
ld, is derived from the CIE Chromaticity Diagram and represents the color of the device.
3. The radiant intensity, le, in watts per steradian, may be found from the equation le = lv/
hv, where lv is the luminous intensity in candelas and hv
is the luminous efficacy in lumens/watt.


Numéro de pièce similaire - HLMP-NG07

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-NG07 HP-HLMP-NG07 Datasheet
162Kb / 7P
   High Intensity AlInGaP LED Lamps
More results

Description similaire - HLMP-NG07

FabricantNo de pièceFiches techniqueDescription
logo
Banner Engineering Corp...
TL50H BANNER-TL50H Datasheet
1Mb / 6P
   TL50H High Brightness Tower Light
logo
Purdy Electronics Corpo...
AND185HOP PURDY-AND185HOP Datasheet
57Kb / 2P
   InGaAlP High Brightness Orange Light
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366_15 Datasheet
342Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
List of Unclassifed Man...
AND520HG ETC-AND520HG Datasheet
50Kb / 2P
   GaN High Brightness Green Light Emission
logo
Purdy Electronics Corpo...
AND720HW PURDY-AND720HW Datasheet
128Kb / 3P
   InGaN High Brightness White Light Emission
logo
Hamamatsu Corporation
L10366 HAMAMATSU-L10366 Datasheet
273Kb / 4P
   HIGH BRIGHTNESS VUV LIGHT SOURCE UNIT
logo
Purdy Electronics Corpo...
AND156EYP PURDY-AND156EYP Datasheet
25Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HYP PURDY-AND157HYP Datasheet
48Kb / 2P
   InGaAlP High Brightness Yellow Light Emission
AND157HRP PURDY-AND157HRP Datasheet
50Kb / 2P
   InGaAlP High Brightness Red Light Emission
logo
Broadcom Corporation.
ASMT-MX22 BOARDCOM-ASMT-MX22 Datasheet
1Mb / 14P
   Moonstone짰 3W High Brightness Power LED Light Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com