Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAV199L Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BAV199L
Description  Dual Series Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV199L Fiches technique(HTML) 1 Page - ON Semiconductor

  BAV199L Datasheet HTML 1Page - ON Semiconductor BAV199L Datasheet HTML 2Page - ON Semiconductor BAV199L Datasheet HTML 3Page - ON Semiconductor BAV199L Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1994
October, 2016 − Rev. 10
1
Publication Order Number:
BAV199LT1/D
BAV199L, SBAV199L
Dual Series Switching
Diode
Features
Low Leakage Current Applications
Medium Speed Switching Times
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
215
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
Repetitive Peak Reverse Voltage
VRRM
70
Vdc
Average Rectified Forward Current
(Note 1)
(Averaged Over Any 20 ms Period)
IF(AV)
715
mAdc
Repetitive Peak Forward Current
IFRM
450
mAdc
Non−Repetitive Peak Forward Current
t = 1.0
ms
t = 1.0 ms
t = 1.0 s
IFSM
2.0
1.0
0.5
Adc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR− 5 Board (Note 1), TA = 25°C
Derate above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
556
°C/W
Total Device Dissipation
Alumina Substrate (Note 2), TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
RqJA
417
°C/W
Junction and Storage Temperature
TJ, Tstg
−65 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR− 5 = 1.0
 0.75  0.062 in.
2. Alumina = 0.4
 0.3  0.024 in. 99.5% alumina.
Device
Package
Shipping
ORDERING INFORMATION
CASE 318
SOT−23
STYLE 11
MARKING DIAGRAM
JY M
G
G
3
CATHODE/ANODE
ANODE
1
CATHODE
2
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAV199LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
JY = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
(Note: Microdot may be in either location)
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
SBAV199LT1G
SOT−23
(Pb−Free)
3,000 /
Tape & Reel
SBAV199LT3G
SOT−23
(Pb−Free)
10,000 /
Tape & Reel
www.onsemi.com


Numéro de pièce similaire - BAV199L

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
BAV199L-AE3-R UTC-BAV199L-AE3-R Datasheet
119Kb / 2P
   DUAL SURFACE MOUNT LOW LEAKAGE DIODE
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
51Kb / 3P
   Dual Series Switching Diode
March, 2006 ??Rev. 5
logo
TRANSYS Electronics Lim...
BAV199LT1 TEL-BAV199LT1 Datasheet
62Kb / 1P
   Plastic-Encapsulated Diodes
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
119Kb / 3P
   Dual Series Switching Diode
August, 2009 ??Rev. 6
More results

Description similaire - BAV199L

FabricantNo de pièceFiches techniqueDescription
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
   Dual series switching diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
   Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
   Dual Series Switching Diode
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
   Dual Series Switching Diode
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
   Dual Series Switching Diode
logo
ON Semiconductor
BAV199LT1 ONSEMI-BAV199LT1 Datasheet
66Kb / 4P
   Dual Series Switching Diode
1997 REV 1
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
   Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G Datasheet
316Kb / 5P
   Dual Series Switching Diode
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
   Dual Series Switching Diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com