Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CA.50 Datasheet(Fiches technique) 1 Page - Taoglas antenna solutions

Numéro de pièce CA.50
Description  Low profile
Télécharger  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TAOGLAS [Taoglas antenna solutions]
Site Internet  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

CA.50 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  CA.50 Datasheet HTML 1Page - Taoglas antenna solutions CA.50 Datenblatt HTML 2Page - Taoglas antenna solutions CA.50 Datenblatt HTML 3Page - Taoglas antenna solutions CA.50 Datenblatt HTML 4Page - Taoglas antenna solutions CA.50 Datenblatt HTML 5Page - Taoglas antenna solutions CA.50 Datenblatt HTML 6Page - Taoglas antenna solutions CA.50 Datenblatt HTML 7Page - Taoglas antenna solutions CA.50 Datenblatt HTML 8Page - Taoglas antenna solutions CA.50 Datenblatt HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-12-8-109/B/SS
Page 1 of 19
SPECIFICATION
Part No.
: CA.50
Product Name
: 5150-5900 MHz Ceramic Chip Monopole
Antenna
Wi-Fi/ WHDMI / 5GHz ISM Band
Feature
: 3.2mm *1.6mm * 0.5mm
Low profile
Peak gain 3.4 dBi
Compact Size
RoHS Compliant


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn