Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21M3T5G Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce BAS21M3T5G
Description  High Voltage Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS21M3T5G Fiches technique(HTML) 1 Page - ON Semiconductor

  BAS21M3T5G_14 Datasheet HTML 1Page - ON Semiconductor BAS21M3T5G_14 Datasheet HTML 2Page - ON Semiconductor BAS21M3T5G_14 Datasheet HTML 3Page - ON Semiconductor BAS21M3T5G_14 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2014
March, 2014 − Rev. 1
Publication Order Number:
BAS21M3/D
1
BAS21M3T5G
High Voltage Switching
Diode
The BAS21M3T5G device is a spin−off of our popular SOT−23
three−leaded device. It is designed for high voltage switching
applications and is housed in the SOT−723 surface mount package.
This device is ideal for low−power surface mount applications where
board space is at a premium.
Features
Reduces Board Space
This is a Halide−Free Device
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These are Pb−Free Devices
MAXIMUM RATINGS (EACH DIODE)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
250
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
625
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
FR−5 Board (Note 1)
TA = 25°C
Derate above 25°C
PD
265
2.1
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
470
°C/W
Total Device Dissipation
Alumina Substrate, (Note 2) TA = 25°C
Derate above 25°C
PD
640
5.1
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA
195
°C/W
Junction and Storage Temperature
TJ, Tstg
−55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−5 = 1.0  0.75  0.062 in.
2. Alumina = 0.4  0.3  0.024 in. 99.5% alumina.
250 V
HIGH VOLTAGE
SWITCHING DIODE
Device
Package
Shipping
ORDERING INFORMATION
BAS21M3T5G
SOT−723
(Pb−Free)
8000 / Tape &
Reel
SOT−723
CASE 631AA
STYLE 2
MARKING
DIAGRAM
http://onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
AM = Specific Device Code
M = Date Code
AM M
1
3
2
1
3
CATHODE
1
ANODE
NSVBAS21M3T5G
SOT−723
(Pb−Free)
8000 / Tape &
Reel


Numéro de pièce similaire - BAS21M3T5G_14

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAS21M3T5G ONSEMI-BAS21M3T5G Datasheet
114Kb / 4P
   High Voltage Switching Diode
January, 2009 ??Rev. 0
More results

Description similaire - BAS21M3T5G_14

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
   Switching Diode High Voltage Switching Diode Chip
logo
SHENZHEN YONGERJIA INDU...
1SS245 WINNERJOIN-1SS245_15 Datasheet
129Kb / 3P
   High-voltage switching diode
logo
Leshan Radio Company
LBAS21HT1G LRC-LBAS21HT1G_15 Datasheet
606Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
LBAS20HT1G LRC-LBAS20HT1G_15 Datasheet
295Kb / 3P
   High Voltage Switching Diode
logo
ON Semiconductor
NSD350H ONSEMI-NSD350H Datasheet
59Kb / 4P
   High Voltage Switching Diode
April, 2015 ??Rev. 0
logo
Diodes Incorporated
BAV5004LP DIODES-BAV5004LP_15 Datasheet
92Kb / 4P
   HIGH VOLTAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMXD3004SR CENTRAL-CMXD3004SR Datasheet
764Kb / 3P
   HIGH VOLTAGE SWITCHING DIODE
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
   High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
SEMTECH ELECTRONICS LTD...
BAS521WT SEMTECH_ELEC-BAS521WT Datasheet
235Kb / 3P
   High Voltage Switching Diode
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
   High voltage switching diode
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com