Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-C123 Fiches technique(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-C123
Description  Very high intensity
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-C123 Fiches technique(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-C123 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-C123 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
0
IPEAK – PEAK FORWARD CURRENT – mA
0
0.6
0.8
300
20
100
1.2
1.0
0.2
0.4
50
200
10
DH As AlGaAs RED
0
IPEAK – PEAK FORWARD CURRENT – mA
0.4
0.6
0.8
1.0
90
20
70
50
40
1.3
1.1
HIGH PERFORMANCE GREEN
YELLOW
HIGH EFFICIENCY
RED/ORANGE
HER, ORANGE, YELLOW, HIGH
PERFORMANCE GREEN, EMERALD GREEN
0.5
0.7
0.9
1.2
30
60
80
10
EMERALD GREEN
0
0
TA – AMBIENT TEMPERATURE – °C
TA – AMBIENT TEMPERATURE – °C
40
80
40
20
10
20
60
30
100
5
15
25
35
DH As AlGaAs RED
R
θJA = 559°C/W
R
θJA = 689°C/W
1.0
0.0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
45
0.1
0.3
0.4
35
25
5
15
-5
-15
-25
-35
-45
0.9
1.0
0.0
ANGULAR DISPLACEMENT – DEGREES
0.8
0.6
0.5
0.7
0.2
45
0.1
0.3
0.4
35
25
5
15
-5
-15
-25
-35
-45
0.9
0
0
40
80
40
20
10
20
60
30
100
5
15
25
35
HER, ORANGE, YELLOW, AND HIGH
PERFORMANCE GREEN, EMERALD GREEN
R
θJA = 470°C/W
R
θJA = 705°C/W
R
θJA = 300°C/W
YELLOW
HER, ORANGE, GREEN, EMERALD GREEN
Figure 5. Maximum forward dc current vs. ambient temperature. Derating based on TjMAX = 110°C.
Figure 4. Relative efficiency (luminous intensity per unit current) vs. peak current.
Figure 6. Relative luminous intensity vs. angular displacement.
15 degree family.
Figure 7. Relative luminous intensity vs. angular displacement.
25 degree family.


Numéro de pièce similaire - HLMP-C123

FabricantNo de pièceFiches techniqueDescription
logo
Agilent(Hewlett-Packard...
HLMP-C123 HP-HLMP-C123 Datasheet
52Kb / 6P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C123 HP-HLMP-C123 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C123 HP-HLMP-C123 Datasheet
85Kb / 12P
   T-13/4 Super Ultra-Bright LED Lamps
HLMP-C123-L0000 HP-HLMP-C123-L0000 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
HLMP-C123-L0001 HP-HLMP-C123-L0001 Datasheet
89Kb / 10P
   T - 13/4 Super Ultra-Bright LED Lamps
More results

Description similaire - HLMP-C123

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-4100 AVAGO-HLMP-4100 Datasheet
144Kb / 6P
   Very high intensity at low drive currents
logo
Vishay Siliconix
TLDR4100 VISHAY-TLDR4100 Datasheet
582Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 23-Apr-13
TLDR6400 VISHAY-TLDR6400 Datasheet
482Kb / 5P
   Very high intensity even at low drive currents
Rev. 1.1, 29-Apr-13
logo
Lite-On Technology Corp...
LTL-4292 LITEON-LTL-4292 Datasheet
208Kb / 4P
   High Intensity
LTL-307A LITEON-LTL-307A Datasheet
203Kb / 4P
   High Intensity
LTL-307ENF-D LITEON-LTL-307ENF-D Datasheet
191Kb / 4P
   High Intensity
logo
Elite Enterprises (H.K....
PBW1CA-3B ELITE-PBW1CA-3B Datasheet
158Kb / 3P
   High intensity
logo
Lite-On Technology Corp...
LTL-4221N LITEON-LTL-4221N Datasheet
461Kb / 7P
   High Intensity.
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3301 AVAGO-HLMP-3301 Datasheet
263Kb / 11P
   High intensity
logo
Lite-On Technology Corp...
LTL-4208 LITEON-LTL-4208 Datasheet
187Kb / 4P
   High Intensity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com