Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HLMP-ED80-XX000 Fiches technique(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No de pièce HLMP-ED80-XX000
Description  Optical Mouse Designer?셲 Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Site Internet  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-ED80-XX000 Fiches technique(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-ED80-XX000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-ED80-XX000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SCLK
SDIO
ADNS-5020-EN
NCS
NRESET
XY_LED
VCC
P1.0
P0.7
P1.1
P0.6
P1.2
P0.5
P1.3
P0.4
P1.6
P1.7
P0.2
P0.3
D+/SCLK
D-/SDAT
P1.4
P1.5
XOUT
P0.0
VREG
P0.1
XIN/P2.1
VPP
GND
1
2
3
4
Vcc
QA
QB
21
22
23
24
8
1
4
3
J1
VBUS
GND
D+
D-
Vcc
POWER
R13
1.30K
13
11
12
1
2
10
9
Q1
2
R2
240
D2
Z-LED
Z-ENCODER
Vcc
R4
27K
R3
27K
1
3
Vcc
14
C7
0.1
SW2
middle
SW1
SW3
right
left
5
20
6
19
8
17
2
C2
4.7
7
18
U1
5
6
3
4
16
15
GND
C1
0.1
XY_LED
D1
HLMP-ED80
+ 5V
REG0
C4
3.3
C3
0.1
7
Recommended
LED bin :
Bin K and above
(K, L, M, N,...)
Cypress
CY7C63743
Figure 1. Circuit-level block diagram for ADNK-5023-CY02 designer’s kit optical mouse using the Avago Technologies ADNS-5020-EN
optical mouse sensor.
Sensor
LED
Clip
PCB
Lens/Light Pipe
Base Plate
Surface
Figure 2. Sectional view of PCB assembly highlighting all optical mouse components (optical mouse sensor, clip, lens, LED, PCB, and
base plate).


Numéro de pièce similaire - HLMP-ED80-XX000

FabricantNo de pièceFiches techniqueDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-ED80-XX000 AVAGO-HLMP-ED80-XX000 Datasheet
588Kb / 40P
   Optical Mouse Sensor
logo
Broadcom Corporation.
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
106Kb / 1P
   Optical Mouse Sensor
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
107Kb / 1P
   Optical Mouse Sensor
HLMP-ED80-XX000 BOARDCOM-HLMP-ED80-XX000 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
More results

Description similaire - HLMP-ED80-XX000

FabricantNo de pièceFiches techniqueDescription
logo
Broadcom Corporation.
ADNK-5023-CY02 BOARDCOM-ADNK-5023-CY02 Datasheet
112Kb / 3P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 BOARDCOM-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2133 BOARDCOM-ADNK-2133 Datasheet
402Kb / 7P
   Optical Mouse Designer?셲 Kit
ADNK-2623 BOARDCOM-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3533-TN24 AVAGO-ADNK-3533-TN24 Datasheet
761Kb / 17P
   Optical Mouse Designer?셲 Kit
ADNK-6003-SP01 AVAGO-ADNK-6003-SP01 Datasheet
305Kb / 16P
   Optical Mouse Designer?셲 Kit
ADNK-2623 AVAGO-ADNK-2623 Datasheet
189Kb / 3P
   Optical Mouse Designer?셲 Kit
logo
Broadcom Corporation.
ADNK-3043-TI27 BOARDCOM-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-3043-TI27 AVAGO-ADNK-3043-TI27 Datasheet
620Kb / 14P
   Wireless USB Optical Mouse Designer?셲 Kit
ADNK-6033-CC24 AVAGO-ADNK-6033-CC24 Datasheet
271Kb / 8P
   USB 2.4GHz RF Wireless Laser Mouse Designer?셲 Kit
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com