Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AP1153ADS50 Fiches technique(PDF) 9 Page - Asahi Kasei Microsystems

No de pièce AP1153ADS50
Description  14V Input / 100mA Output LDO Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AKM [Asahi Kasei Microsystems]
Site Internet  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP1153ADS50 Fiches technique(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP1153ADS50 Datasheet HTML 5Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 6Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 7Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 8Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 9Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 10Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 11Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 12Page - Asahi Kasei Microsystems AP1153ADS50 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
[AP1153ADSXX]
015000869-E-00
- 9 -
2015/01
■ Electrical Characteristics of Ta=-40
C~85C
The parameters with min or max values will be guaranteed at Ta=Tj=-40 ~ 85C.
(VIN=VoutTYP+1V,Vcont=1.8V,Ta=-40 ~ 85C, unless otherwise specified.)
Parameter
Symbol
Condition
min
typ
max
Unit
Output Voltage
Vout
Iout = 5mA
(Table 5, Table 6)
V
Line Regulation
LinReg
Vin = 5V
0.0
8.0
mV
Load Regulation
LoaReg
Iout = 5mA ~ 50mA
(Table 5, Table 6)
mV
Iout = 5mA ~ 100mA
mV
Dropout Voltage (Note 4)
Vdrop
Iout = 50mA
90
205
mV
Iout = 100mA
160
360
mV
Output Current(Note 5)
Iout
100
mA
Maximum Output Current
(
Note 5)
IoutMAX
Vout=VoutTYP0.9
110
200
-
mA
Supply Current
Icc
Iout = 0mA
75
145
μA
Standby Current
Istandby
Vcont = 0V
0.0
0.5
μA
Quiescent Current
Iq
Iout = 50mA
1.5
3.3
mA
Control Terminal
Control Current
Icont
Vcont = 1.8V
-
5.0
15.0
μA
Control Voltage
Vcont
Vout ON state
1.8
-
-
V
Vout OFF state
-
-
0.35
V
Reference Value
Np Terminal Voltage
Vnp
1.26
V
Output Voltage / Temp.
Vout/Ta
35
ppm
/C
Short Circuit Current
ISHORT
200
mA
Output Noise Voltage
(VoutTYP=3.0V)
Vnoise
Cout=1.0F, Cnp=0.01F
Iout=30mA
38
μV
rms
Ripple Rejection
(VoutTYP=3.0V)
RR
Cout=1.0F, Cnp=0.001F
Iout=10mA, f=1kHz
80
dB
f=10kHz
70
dB
Rise Time
(VoutTYP=3.0V)
tr
Cout=1.0F, Cnp=0.001F
Vcont: Pulse Wave (100Hz)
Vcont ON → Vout95%
point
35
μs
Note 4. For Vout  2.0V, no regulations.
Note 5. The maximum output current is limited by power dissipation.
General Note:
Parameter with only typical value is for reference only.


Numéro de pièce similaire - AP1153ADS50

FabricantNo de pièceFiches techniqueDescription
logo
HuaXinAn Electronics CO...
AP1153ADS50 HUAXINAN-AP1153ADS50 Datasheet
1Mb / 29P
   Output LDO Regulator
logo
Asahi Kasei Microsystem...
AP1153ADS50 AKM-AP1153ADS50 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
More results

Description similaire - AP1153ADS50

FabricantNo de pièceFiches techniqueDescription
logo
Asahi Kasei Microsystem...
AP1157ADVXX AKM-AP1157ADVXX Datasheet
1Mb / 32P
   14V Input / 100mA Output LDO Regulator
AP1153ADS33 AKM-AP1153ADS33 Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1153ADSXX AKM-AP1153ADSXX Datasheet
1Mb / 30P
   14V Input / 100mA Output LDO Regulator
AP1159ADSXX AKM-AP1159ADSXX Datasheet
540Kb / 19P
   14V Input / 100mA Low voltage Output LDO Regulator
AP1154ADL50 AKM-AP1154ADL50 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1154ADL21 AKM-AP1154ADL21 Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS33 AKM-AP1150ADS33 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1154ADLXX AKM-AP1154ADLXX Datasheet
1Mb / 31P
   14V Input / 1A Output LDO Regulator
AP1150ADS50 AKM-AP1150ADS50 Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
AP1150ADSXX AKM-AP1150ADSXX Datasheet
720Kb / 20P
   14V Input / 200mA Output LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com