Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  â–¼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-115-24-02-00-00 Datasheet(Fiches technique) 3 Page - Laird Tech Smart Technology

Numéro de pièce LA-115-24-02-00-00
Description  Precise temperature control
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-115-24-02-00-00 Datasheet(HTML) 3 Page - Laird Tech Smart Technology

  LA-115-24-02-00-00 Datenblatt HTML 1Page - Laird Tech Smart Technology LA-115-24-02-00-00 Datenblatt HTML 2Page - Laird Tech Smart Technology LA-115-24-02-00-00 Datasheet HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
 LA?115?24?02?00?00 
Liquid?to?Air Thermoelectric Assembly 
 
THR?DS?LA?115?24?02?00?00_121715 
Any information furnished by Laird and its agents is believed to be accurate and reliable. All specifications are subject to change without notice. Responsibility for the use 
and application of Laird materials rests with the end user, since Laird and its agents cannot be aware of all potential uses.  Laird makes no warranties as to the fitness, 
merchantability or suitability of any Laird materials or products for any specific or general uses.  Laird, Laird Technologies, Inc or any of its affiliates or agents shall not be 
liable for incidental or consequential damages of any kind.  All Laird products are sold pursuant to the Laird Technologies? Terms and Conditions of sale in effect from time 
to time, a copy of which will be furnished upon request.  © Copyright 2014 Laird Technologies, Inc.  All Rights Reserved.  Laird, Laird Technologies, the Laird Logo, and other 
marks are trademarks or registered trademarks of Laird Technologies, Inc. or an affiliate company thereof.  Other product or service names may be the property of third 
parties.  Nothing herein provides a license under any Laird or any third party intellectual property rights. 
 
 
 
MECHANICAL DRAWING 
 
 
  
 
 
Note: 
? For overheating protection, the cooler is equipped with a bimetal 
thermostat. The maximum rating for the thermostat is 8 A dc. For systems 
with 8 A or less, the thermostat can be connected directly in series with 
the thermoelectric modules (TEMs). Otherwise, connect the TEMs to the 
power source through a relay of suitable rating which state is controlled 
with the bimetal thermostat. 
? Turbulators are mounted inside liquid channels to turbulate flow 
? Cold block requires insulation to minimize moisture buildup under dew 
point conditions. 
 
 
 


Html Pages

1  2  3