Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-045-12-02-00-00 Datasheet(Fiches technique) 1 Page - Laird Tech Smart Technology

Numéro de pièce LA-045-12-02-00-00
Description  Precise temperature control
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-045-12-02-00-00 Datasheet(HTML) 1 Page - Laird Tech Smart Technology

  LA-045-12-02-00-00 Datasheet HTML 1Page - Laird Tech Smart Technology LA-045-12-02-00-00 Datenblatt HTML 2Page - Laird Tech Smart Technology LA-045-12-02-00-00 Datenblatt HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LA‐045‐12‐02‐00‐00 
Liquid‐to‐Air Thermoelectric Assembly 
 
 
 
 
Americas: +1.919.597.7300  
Europe: +46.31.420530  
Asia: +86.755.2714.1166 
ets.sales@lairdtech.com 
www.lairdtech.com 
 
 
 
 
 
 
 
 
Thermoelectric cooling unit for medical and industrial 
applications  
 
The Liquid‐to‐Air Series thermoelectric assembly (TEA) offers 
dependable, compact performance by cooling objects via liquid to 
transfer heat. Heat is absorbed through a liquid heat exchanger and 
dissipated thru a high density heat sink equipped with an air ducted 
shroud and brand name fan. The thermoelectric modules are custom 
designed to achieve a high coefficient of performance (COP) to minimize 
power consumption. This product series is available in a wide range of 
cooling capacities and voltages. Custom configurations are available, 
however, MOQ applies. 
 
FEATURES   
Compact form factor 
Precise temperature control 
Reliable solid‐state operation 
DC operation 
RoHS compliant 
APPLICATIONS 
Medical Diagnostics 
Industrial Lasers 
Medical Lasers 
Analytical Instrumentation 
  


Html Pages

1  2  3