Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI5922DU Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce SI5922DU
Description  Dual N-Channel 30 V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5922DU Fiches technique(HTML) 2 Page - Vishay Siliconix

  SI5922DU Datasheet HTML 1Page - Vishay Siliconix SI5922DU Datasheet HTML 2Page - Vishay Siliconix SI5922DU Datasheet HTML 3Page - Vishay Siliconix SI5922DU Datasheet HTML 4Page - Vishay Siliconix SI5922DU Datasheet HTML 5Page - Vishay Siliconix SI5922DU Datasheet HTML 6Page - Vishay Siliconix SI5922DU Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Si5922DU
www.vishay.com
Vishay Siliconix
S16-1449-Rev. A, 25-Jul-16
2
Document Number: 76056
For technical questions, contact: pmostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
a. Pulse test; pulse width
 300 μs, duty cycle  2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 μA
30
-
-
V
VDS Temperature Coefficient
V
DS/TJ
ID = 250 μA
-14.3
-
mV/°C
VGS(th) Temperature Coefficient
V
GS(th)/TJ
--4.7-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 μA
1.2
-
2.2
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = +20 V / -16 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 30 V, VGS = 0 V
-
-
1
μA
VDS = 30 V, VGS = 0 V, TJ = 55 °C
-
-
10
On-State Drain Current a
ID(on)
VDS  5 V, VGS = 10 V
5
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = 10 V, ID = 5 A
-
0.0155
0.0192
VGS = 6 V, ID = 4 A
-
0.0170
0.0220
VGS = 4.5 V, ID = 4 A
-
0.0190
0.0245
Forward Transconductance a
gfs
VDS = 10 V, ID = 5 A
-
22
-
S
Dynamic b
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 MHz
-
765
-
pF
Output Capacitance
Coss
-
225
-
Reverse Transfer Capacitance
Crss
-14
-
Crss/Ciss Ratio
-
0.018
0.036
-
Total Gate Charge
Qg
VDS = 15 V, VGS = 10 V, ID = 5 A
-
10
15
nC
VDS = 15 V, VGS = 4.5 V, ID = 5 A
-4.7
7.1
Gate-Source Charge
Qgs
-2.2
-
Gate-Drain Charge
Qgd
-0.65
-
Output Charge
Qoss
VDS = 15 V, VGS = 0 V
-
6.5
-
Gate Resistance
Rg
f = 1 MHz
1.3
6.3
12.6
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 10 V, Rg = 1 
-6
15
ns
Rise Time
tr
-25
50
Turn-Off Delay Time
td(off)
-15
30
Fall Time
tf
-10
20
Turn-On Delay Time
td(on)
VDD = 15 V, RL = 3 
ID  5 A, VGEN = 4.5 V, Rg = 1 
-17
35
Rise Time
tr
-45
90
Turn-Off Delay Time
td(off)
-16
30
Fall Time
tf
-27
50
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
-
-
6
A
Pulse Diode Forward Current (t = 100 μs)
ISM
--
24
Body Diode Voltage
VSD
IS = 5 A, VGS = 0 V
-
0.81
1.2
V
Body Diode Reverse Recovery Time
trr
IF = 5 A, dI/dt = 100 A/μs, TJ = 25 °C
-21
40
ns
Body Diode Reverse Recovery Charge
Qrr
-10
20
nC
Reverse Recovery Fall Time
ta
-12
-
ns
Reverse Recovery Rise Time
tb
-9
-


Numéro de pièce similaire - SI5922DU

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI5922DU VISHAY-SI5922DU Datasheet
202Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
SI5922DU-T1-GE3 VISHAY-SI5922DU-T1-GE3 Datasheet
202Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
SI5922DU VISHAY-SI5922DU_V01 Datasheet
202Kb / 9P
   Dual N-Channel 30 V (D-S) MOSFET
More results

Description similaire - SI5922DU

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI7212DN VISHAY-SI7212DN Datasheet
94Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Jun-05
logo
DinTek Semiconductor Co...
DTM4936 DINTEK-DTM4936 Datasheet
294Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4932DY VISHAY-SI4932DY Datasheet
111Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 22-Dec-08
SIZ340DT VISHAY-SIZ340DT Datasheet
372Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. B, 24-Mar-14
logo
Analog Power
AM6926NH ANALOGPOWER-AM6926NH Datasheet
398Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4276DY-T1-E3 VISHAY-SI4276DY-T1-E3 Datasheet
232Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 11-Apr-11
SI4276DY VISHAY-SI4276DY Datasheet
304Kb / 15P
   Dual N-Channel 30 V (D-S) MOSFET
Rev. A, 31-May-10
SI5906DU VISHAY-SI5906DU Datasheet
164Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. A, 20-Jul-09
SI7212DN VISHAY-SI7212DN_09 Datasheet
549Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. F, 14-Sep-09
logo
Analog Power
AM4934N ANALOGPOWER-AM4934N Datasheet
95Kb / 3P
   Dual N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4936ADY VISHAY-SI4936ADY Datasheet
61Kb / 4P
   Dual N-Channel 30-V (D-S) MOSFET
Rev. B, 13-Oct-03
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com