Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LMH6624 Fiches technique(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No de pièce LMH6624
Description  Single/Dual Ultra Low Noise Wideband Operational Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6624 Fiches technique(HTML) 3 Page - National Semiconductor (TI)

  LMH6624 Datasheet HTML 1Page - National Semiconductor (TI) LMH6624 Datasheet HTML 2Page - National Semiconductor (TI) LMH6624 Datasheet HTML 3Page - National Semiconductor (TI) LMH6624 Datasheet HTML 4Page - National Semiconductor (TI) LMH6624 Datasheet HTML 5Page - National Semiconductor (TI) LMH6624 Datasheet HTML 6Page - National Semiconductor (TI) LMH6624 Datasheet HTML 7Page - National Semiconductor (TI) LMH6624 Datasheet HTML 8Page - National Semiconductor (TI) LMH6624 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
±2.5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 2.5V, V= −2.5V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Transfer Characteristics
A
VOL
Large Signal Voltage Gain
(LMH6624)
R
L = 100
Ω,V
O = −1V to +1V
75
70
79
dB
(LMH6626)
R
L = 100
Ω,V
O = −1V to +1V
72
67
79
X
t
Crosstalk Rejection
f = 1MHz (LMH6626)
−75
dB
Output Characteristics
V
O
Output Swing
R
L = 100
±1.1
±1.0
±1.5
V
No Load
±1.4
±1.25
±1.7
R
O
Output Impedance
f
≤ 100KHz
10
m
I
SC
Output Short Circuit Current
(LMH6624)
Sourcing to Ground
∆V
IN = 200mV (Note 3), (Note 11)
90
75
145
mA
(LMH6624)
Sinking to Ground
∆V
IN = −200mV (Note 3), (Note 11)
90
75
145
(LMH6626)
Sourcing to Ground
∆V
IN = 200mV (Note 3),(Note 11)
60
50
120
(LMH6626)
Sinking to Ground
∆V
IN = −200mV (Note 3),(Note 11)
60
50
120
I
OUT
Output Current
(LMH6624)
Sourcing, V
O = +0.8V
Sinking, V
O = −0.8V
100
mA
(LMH6626)
Sourcing, V
O = +0.8V
Sinking, V
O = −0.8V
75
Power Supply
PSRR
Power Supply Rejection Ratio
V
S = ±2.0V to ±3.0V
82
80
90
dB
I
S
Supply Current (per channel)
No Load
11.4
16
18
mA
±6V Electrical Characteristics
Unless otherwise specified, all limits guaranteed at T
A = 25˚C, V
+ = 6V, V= −6V, V
CM = 0V, AV = +20, RF = 500
Ω,R
L =
100
Ω. Boldface limits apply at the temperature extremes. See (Note 12).
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
Dynamic Performance
f
CL
−3dB BW
V
O = 400mVPP (LMH6624)
95
MHz
V
O = 400mVPP (LMH6626)
85
SR
Slew Rate (Note 8)
V
O =2VPP,AV = +20 (LMH6624)
350
V/µs
V
O =2VPP,AV = +20 (LMH6626)
320
V
O =2VPP,AV = +10 (LMH6624)
400
V
O =2VPP,AV = +10 (LMH6626)
360
t
r
Rise Time
V
O = 400mV Step, 10% to 90%
3.7
ns
www.national.com
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20