Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M52325AP Fiches technique(PDF) 5 Page - Mitsubishi Electric Semiconductor

No de pièce M52325AP
Description  SECAM DECODER(LINEAR INTEGRATED CIRCUIT)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52325AP Fiches technique(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M52325AP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52325AP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
M52325AP
MITSUBISHI LINEAR INTEGRATED CIRCUIT
MITSUBISHI
SECAM DECODER
5 - 13
[Electrical Characteristics]
note a) unless otherwise specified ; Vcc=8.0V Ta = 25°C
note b) unless otherwise specified ; input fref signal ,
pin 1 is HIGH(Vext1 = 4.75V), Vext16 = 4V
PARAMETER
SYMBOL
CONDITIONS
TEST
PIN
MIN.
TYP.
MAX. UNIT
positive power supply
Vcc
8.0
supply current
Icc
24
mA
V
DC voltage pin2
DC voltage pin4
CVBS in
composite video input
voltage (peak to peak value)
chrominance input
voltage(peak to peak value)
input impedance
V4
V11
V13
V14
V16in
VCL
Zin
V12
V2
3
3
4.9
16
4.20
V
Vp-p
1.0
mVp-p
K
16
13
4.5
7.5
8.5
18
30
4.5
5.5
4.0
4.4
-
1.4
A: SG1
167
8
300
-
-
2
1.8
1.4
2.2
V
4
11
14
4.27
4.1
4.5
V
4.13
3.9
4.35
V
4.9
5.5
V
12
DC voltage pin11
DC voltage pin12
DC voltage pin13
DC voltage pin14
V
16
-
over f=4MHz
BELL FILTER
resonance frequency
band width
fBO
fBW
2
4.286
MHz
320
KHz
2
note3
A: SG0
A: SG0
4.236
4.336
250
368
Vcc = 7.5~9.0 V
note1
note2
DEMODULATER
linearity
output voltage amplitude
(peak to peak value)
: -(R-Y)
ratio of - ( B-Y ) / - ( R-Y )
black level error - ( R-Y )
black level error - ( B-Y )
VLIN
VR-Y
VB-Y
VB-Y/VR-Y
VRB
VBB
10
2.9
9
10
-
1.00
Vp-p
1.24
Vp-p
1.24
mV
mV
10
9
note4
note5
note5
2.6
3.2
0.85
1.15
1.05
1.43
1.10
1.36
A: SG1
A: SG1
A: SG1
A: SG2
calculated
A: SG2
-
-15
+15
+20
-50
-
*
*
output voltage amplitude
(peak to peak value)
: -(B-Y)


Numéro de pièce similaire - M52325AP

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M5232 MITSUBISHI-M5232 Datasheet
385Kb / 6P
   VOLTAGE DETECTOR/ON-OFF ALARM CIRCUIT
logo
Heyco.
M5232 HEYCO-M5232 Datasheet
199Kb / 1P
   Heyco®-Tite Cast Aluminum Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M52321SP MITSUBISHI-M52321SP Datasheet
604Kb / 18P
   3 CHANNEL VIDEO PREAMPLIFIER WITH OSD MIXING FUNTION FOR HIGH DEFINITION COLOR DISPLAYS
M52323SP MITSUBISHI-M52323SP Datasheet
323Kb / 12P
   PLL-SPLIT VIF/SIF
M5232FP MITSUBISHI-M5232FP Datasheet
385Kb / 6P
   VOLTAGE DETECTOR/ON-OFF ALARM CIRCUIT
More results

Description similaire - M52325AP

FabricantNo de pièceFiches techniqueDescription
logo
Integral Corp.
ILA8395N INTEGRAL-ILA8395N Datasheet
201Kb / 7P
   SECAM decoder
logo
List of Unclassifed Man...
TDA8490 ETC1-TDA8490 Datasheet
605Kb / 9P
   SECAM DECODER
logo
KODENSHI_AUK CORP.
KKA8395N KODENSHI-KKA8395N Datasheet
242Kb / 7P
   SECAM decoder
logo
NXP Semiconductors
TDA8395 PHILIPS-TDA8395 Datasheet
58Kb / 10P
   SECAM decoder
October 1991
logo
TEMIC Semiconductors
U4935B TEMIC-U4935B Datasheet
183Kb / 16P
   SECAM Decoder
logo
Sony Corporation
CXA1214P SONY-CXA1214P Datasheet
562Kb / 14P
   SECAM COLOR DECODER
logo
Panasonic Semiconductor
AN5637 PANASONIC-AN5637 Datasheet
102Kb / 11P
   SECAM decoder IC
logo
NTE Electronics
NTE832 NTE-NTE832 Datasheet
23Kb / 3P
   Integrated Circuit Tone Decoder
logo
Samsung semiconductor
KA2804 SAMSUNG-KA2804 Datasheet
73Kb / 3P
   LINEAR INTEGRATED CIRCUIT
logo
Fairchild Semiconductor
KA79LXXA FAIRCHILD-KA79LXXA Datasheet
167Kb / 5P
   LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com