Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9802DGKT Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9802DGKT
Description  Level-Translating I2C Bus Buffer/Repeater
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9802DGKT Fiches technique(HTML) 1 Page - Texas Instruments

  TCA9802DGKT Datasheet HTML 1Page - Texas Instruments TCA9802DGKT Datasheet HTML 2Page - Texas Instruments TCA9802DGKT Datasheet HTML 3Page - Texas Instruments TCA9802DGKT Datasheet HTML 4Page - Texas Instruments TCA9802DGKT Datasheet HTML 5Page - Texas Instruments TCA9802DGKT Datasheet HTML 6Page - Texas Instruments TCA9802DGKT Datasheet HTML 7Page - Texas Instruments TCA9802DGKT Datasheet HTML 8Page - Texas Instruments TCA9802DGKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TCA9802
GND
4
1
VCCA
3
SDAA
2
SCLA
7
SCLB
6
SDAB
I
2C or SMBus Master
(e.g. Processor)
5
EN
8
VCCB
I
2C Slave Devices
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TCA9802
SCPS266 – MARCH 2017
TCA9802 Level-Translating I2C Bus Buffer/Repeater
1
1 Features
1
Two-Channel Bidirectional Buffer
Integrated Current Source on B-side, Requires No
External B-Side Resistors
Ultra-Low Power Consumption
No Static-Voltage Offset, Low VOL
I2C Bus and SMBus Compatible
Operating Supply Voltage Range of 0.8 V to 3.6 V
on A-side
Operating Supply Voltage Range of 1.65 V to 3.6
V on B-side
Active-High Repeater Enable Input
Powered-Off High Impedance I2C Bus Pins on A-
Side
Powered-Off Back-Power Protection I2C Bus Pins
Support for Clock Stretching and Multiple Master
Arbitration
Family of Current Source Options from 0.5 mA to
3 mA
2 Applications
Servers
Routers (Routing Equipment)
Industrial Equipment
Personal Computers
Power-Sensitive Applications
3 Description
The TCA9802 is a dual-channel bidirectional buffer
intended for I2C bus and SMBus/PMBus systems. It
provides bidirectional level shifting (up-translation and
down-translation) between low voltages (down to 0.8
V) and higher voltages (1.65 V to 3.6 V). The
TCA9802 features an internal current source on the
B-side of the device, allowing the removal of external
pull-up resistors on the B-side. The current source
also provides an improved rise time and ultra-low
power consumption.
The TCA9802 is able to provide true buffering (rather
than a pass-FET solution) without using a static
voltage offset or incremental offset. This means that
the VOL on both the A and B sides of the TCA9802
are very low (approximately 0.2 V), helping to
eliminate communication issues as a result of fixed
VIL thresholds. Another key feature of the TCA9802 is
that there are no power sequencing requirements, or
power supply dependencies. VCCA can be greater
than, less than, or equal to VCCB. This gives the
system designer flexibility with how the TCA9802 is
used.
The TCA9802 is part of a four device family with
varying current source strengths (see the Device
Comparison Table).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TCA9802
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Device Comparison
Part Number
ICS: Current Source
Value
TCA9800
0.5 mA
TCA9801
1 mA
TCA9802
2 mA
TCA9803
3 mA
Simplified Schematic


Numéro de pièce similaire - TCA9802DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
More results

Description similaire - TCA9802DGKT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9803 TI1-TCA9803 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com