Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCA9800 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TCA9800
Description  Level-Translating I2C Bus Buffer/Repeater
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9800 Fiches technique(HTML) 3 Page - Texas Instruments

  TCA9800 Datasheet HTML 1Page - Texas Instruments TCA9800 Datasheet HTML 2Page - Texas Instruments TCA9800 Datasheet HTML 3Page - Texas Instruments TCA9800 Datasheet HTML 4Page - Texas Instruments TCA9800 Datasheet HTML 5Page - Texas Instruments TCA9800 Datasheet HTML 6Page - Texas Instruments TCA9800 Datasheet HTML 7Page - Texas Instruments TCA9800 Datasheet HTML 8Page - Texas Instruments TCA9800 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
8
VCCA
VCCB
4
5
GND
EN
3
6
SDAA
SDAB
2
7
SCLA
SCLB
3
TCA9803
www.ti.com
SCPS267 – MARCH 2017
Product Folder Links: TCA9803
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Device Comparison Table
Part Number
ICS: Current Source Value
TCA9800
0.5 mA
TCA9801
1 mA
TCA9802
2 mA
TCA9803
3 mA
6 Pin Configuration and Functions
DGK Package
8-Pin VSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VCCA
Supply
A-side supply voltage (0.8 V to 3.6 V)
2
SCLA
I/O
Serial clock bus, A-side. Connect to VCCA through a pull-up resistor, even if unused
3
SDAA
I/O
Serial data bus, A-side. Connect to VCCA through a pull-up resistor, even if unused
4
GND
Ground
5
EN
I
Active-high repeater enable input, referenced to VCCA
6
SDAB
I/O
Serial data bus, B-side. Do NOT connect to VCCB through a pull-up resistor for proper operation. If
unused, leave floating
7
SCLB
I/O
Serial clock bus, B-side. Do NOT connect to VCCB through a pull-up resistor for proper operation. If
unused, leave floating
8
VCCB
Supply
B-side and device supply voltage (1.65 V to 3.6 V)


Numéro de pièce similaire - TCA9800

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800DGKR TI1-TCA9800DGKR Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800DGKT TI1-TCA9800DGKT Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
More results

Description similaire - TCA9800

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TCA9802 TI1-TCA9802 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9800 TI1-TCA9800 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9801 TI1-TCA9801 Datasheet
588Kb / 36P
[Old version datasheet]   Level-Translating I2C Bus Buffer/Repeater
TCA9517A TI1-TCA9517A Datasheet
759Kb / 17P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
TCA9517 TI-TCA9517 Datasheet
845Kb / 18P
[Old version datasheet]   LEVEL-TRANSLATING I2C BUS REPEATER
logo
NXP Semiconductors
PCA9517 NXP-PCA9517 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
ON Semiconductor
PCA9517A ONSEMI-PCA9517A_14 Datasheet
159Kb / 14P
   Level-Translating I2C-Bus Repeater
April, 2014 ??Rev. 1
logo
NXP Semiconductors
PCA9517ATP PHILIPS-PCA9517ATP Datasheet
414Kb / 22P
   Level translating I2C-bus repeater
Rev. 4-9 May 2012
PCA9517DP118 NXP-PCA9517DP118 Datasheet
127Kb / 19P
   Level translating I2C-bus repeater
Rev. 03-30 January 2007
logo
TEXAS ADVANCED OPTOELEC...
PCA9517 TAOS-PCA9517 Datasheet
490Kb / 17P
   LEVEL-TRANSLATING I2C BUS REPEATER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com