Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DLVR-L10G Datasheet(Fiches technique) 2 Page - All Sensors Corporation

Numéro de pièce DLVR-L10G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo 

 
 2 page
background image
Parameter
Min
Typ
Max
Units
Notes
Output Span
1
LxxD
-
±6,553
-
Dec count
LxxG
-
13,107
-
Dec count
Offset Output @ Zero Diff. Pressure
-
LxxD
-
8,192
-
Dec count
LxxG
-
1,638
-
Dec count
Total Error Band
2
L01x, L02x
-
±1.5
±2.0
%FSS
L05x, L10x, L30x, L60x
-
±1.0
±1.5
%FSS
Span Temperature Shift
3
L01x, L02x
-
±0.5
-
%FSS
L05x, L10x, L30x, L60x
-
±0.2
-
%FSS
Offset Temperature Shift
3
L01x, L02x
-
±0.5
-
%FSS
L05x, L10x, L30x, L60x
-
±0.2
-
%FSS
Offset Warm-up Shift
4
L01x, L02x
-
±0.25
-
%FSS
L05x, L10x, L30x, L60x
-
±0.15
-
%FSS
Offset Position Sensitivity (±1g)
-
L01x, L02x
-
±0.10
-
%FSS
L05x, L10x, L30x, L60x
-
±0.05
-
%FSS
Offset Long Term Drift (One Year)
-
L01x, L02x
-
±0.25
-
%FSS
L05x, L10x, L30x, L60x
-
±0.15
-
%FSS
Linearity, Hysteresis Error
6
LxxD
-
±0.25
-
%FSS
LxxG
-
±0.10
-
%FSS
Response Delay
5
Sleep - Wake Pressure
-
0.40
0.50
ms
Sleep - Wake All
-
1.10
1.40
ms
Update Rate
5
Fast
-
0.40
1.0
ms
Noise Reduced
-
1.30
3.1
ms
Low Power
-
6.5
9.5
ms
Digital Resolution
-
Output Resolution
-
14
-
bit
No Missing Codes
12
13
-
bit
Temperature Output
7
Resolution
-
11
-
bit
Overall Accuracy
-
2
-
°C
Current Requirement (3.3V Option)
5
Fast
-
3.5
4.3
mA
Noise Reduced
-
3.6
4.5
mA
Low Power
-
0.72
0.90
mA
Sleep (Idle)
-
0.5
5.0
uA
Current Requirement (5.0 Option)
5
Fast
-
5.0
6.0
mA
Noise Reduced
-
5.2
6.2
mA
Low Power
-
1.1
1.3
mA
Sleep (Idle)
-
0.5
5.0
uA
Performance Characteristics for DLVR Series - Commercial and Industrial Temperature Range
All pArAmeters Are meAsured At 3.3V ±5% or 5.0V ±5% (depending on selected VoltAge option) excitAtion And room temperAture unless otherwise specified.
pressure meAsurements Are with positiVe pressure Applied to port B.
See following page for performance characteristics table notes
Page 2




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl