Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLVR-L02D Fiches technique(PDF) 9 Page - All Sensors Corporation

No de pièce DLVR-L02D
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L02D Fiches technique(HTML) 9 Page - All Sensors Corporation

Back Button DLVR-L02D Datasheet HTML 5Page - All Sensors Corporation DLVR-L02D Datasheet HTML 6Page - All Sensors Corporation DLVR-L02D Datasheet HTML 7Page - All Sensors Corporation DLVR-L02D Datasheet HTML 8Page - All Sensors Corporation DLVR-L02D Datasheet HTML 9Page - All Sensors Corporation DLVR-L02D Datasheet HTML 10Page - All Sensors Corporation DLVR-L02D Datasheet HTML 11Page - All Sensors Corporation DLVR-L02D Datasheet HTML 12Page - All Sensors Corporation DLVR-L02D Datasheet HTML 13Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
All Sensors
DS-0300 Rev A
I2C Command Sequence
Depending on whether the Fast, Noise Reduced, Low-Power, or Sleep options have been selected, the command se-
quence differs slightly. See Figure 3 for details of the three I2C commands.
Fast, Noise Reduced or Low-power Configuration
The part enters Free Running mode (see table 1) after power-up: it performs an initial complete measurement,
writes the calculated data to the output registers, sets the INT pin high, then goes to sleep. After a delay deter-
mined by the update rate option, the part will wake up, perform measurements, update the output registers,
then go back to sleep. DataRead is the only command recognized; as with the Micropower configuration, if
the INT pin is ignored, the host processor can repeat this command until the Status bits indicate an updated
reading.
Sleep Configuration
The part enters Triggered mode (see table 1) after power-up, and waits for a command from the bus master. If
the StartAll command is received, the temperature, ADC zero, and pressure readings are all measured, and cor-
rection calculations are performed. When valid data is written to the output registers, the INT pin is set high,
and the processing core goes back to sleep. The host processor then sends the DataRead command to shift
out the updated values. If the INT pin is not monitored, the host can poll the output registers by repeating
the DataRead command until the Status bits indicate that the values have been updated (see Tables 2 and 3).
The response time depends on configuration options (refer to Table 1 and Performance Characteristics).
Depending on the application, pressure measurements may be performed by sending the StartPressure com-
mand, which only measures the pressure value and uses previously measured temperature data in calculating
the compensated output value. This presents the result faster (in about 1/3 the delay time) than the StartAll
command. This can be a useful method to synchronize the sensor with the hose controller as well as attain-
ing the fastest overall response time without Special cycles occuring at unwanted times. The system designer
should determine the interval required for sending StartAll commands, necessary to refresh the temperature
1. Sending a Start condition, then a Stop condition, without any transitions on the CLK line, creates a com-
munication error for the next communication, even if the next start condition is correct and the clock pulse is
applied. A second Start condition must be set, which clears the error and allows communication to proceed.
2. The Restart condition—a falling SDA edge during data transmission when the CLK clock line is still high—
creates the same stall/deadlock. In the following data request, an additional Start condition must be sent for
correct communication.
3. A falling SDA edge is not allowed between the start condition and the first rising SCL edge. If using an I2C
address with the first bit 0, SDA must be held low from the start condition through the first bit.
I2C Exceptions
Page 9


Numéro de pièce similaire - DLVR-L02D

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DLVR-L02D ASC-DLVR-L02D Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D ASC-DLVR-L02D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D ASC-DLVR-L02D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D ASC-DLVR-L02D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D ASC-DLVR-L02D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Description similaire - DLVR-L02D

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com