Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLVR-L02G Fiches technique(PDF) 12 Page - All Sensors Corporation

No de pièce DLVR-L02G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L02G Fiches technique(HTML) 12 Page - All Sensors Corporation

Back Button DLVR-L02G Datasheet HTML 8Page - All Sensors Corporation DLVR-L02G Datasheet HTML 9Page - All Sensors Corporation DLVR-L02G Datasheet HTML 10Page - All Sensors Corporation DLVR-L02G Datasheet HTML 11Page - All Sensors Corporation DLVR-L02G Datasheet HTML 12Page - All Sensors Corporation DLVR-L02G Datasheet HTML 13Page - All Sensors Corporation DLVR-L02G Datasheet HTML 14Page - All Sensors Corporation DLVR-L02G Datasheet HTML 15Page - All Sensors Corporation DLVR-L02G Datasheet HTML 16Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
TABLE 6: Available E-Series Package Configurations
How to Order
SIP
DIP
J Lead SMT
Low Profile DIP
SIP
DIP
J Lead SMT
Low Profile DIP
Dual Port
Same Side
E1NS
E1ND
E1NJ
N/A
E1BS
E1BD
N/A
N/A
Dual Port
Opposite
Side
E2NS
E2ND
E2NJ
N/A
E2BS
E2BD
N/A
N/A
Single Port
(Gage)
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
Lead Style
Non-Barbed Lid
Barbed Lid
Port
Orientation
Lead Style
Refer to Table 4 for configuring a standard base part number which includes the pressure range, package and
temperature range. Table 5 shows the available configuring options. The option identifier is required to complete
the device part nubmer. Refer to Table 6 for the available devices packages.
Example P/N with options: DLVR-L02D-E1NS-C-NI3F
Table 4 - How to configure a base part number
Table 5 - How to configure an option identifier
Base
ID
ID
ID
ID
ID
ID
ID
DLVR
L01D ±1 inH2O
E1 Dual Port Same SideN Non-Barbed
SSIP
CCommercial
L02D ±2 inH2O
2Dual Port Opposite Side
BBarbedD DIPI
Industrial
L05D ±5 inH2O
JJ-Lead SMT
L10D ±10 inH2O
L30D ±30 inH2O
L60D ±60 inH2O
L01G 0 to 1 inH2O
L02G 0 to 2 inH2O
L05G 0 to 5 inH2O
L10G 0 to 10 inH2O
L30G 0 to 30 inH2O
L60G 0 to 60 inH2O
Example DLVR - L02D
- E1
NS
- C
TEMPERATURE RANGE
SERIES
Lead Type
Lid Style
PACKAGE
PRESSURE RANGE
Page 12
ID Description
ID Description
ID Description
ID Description
N No Coating
I I2C
3 3.3V
F Fast
P Parylene Coating
S SPI
5 5.0V
N Noise reduced
L Low Power
S Sleep Mode
Example N
I
3
F
SUPPLY VOLTAGE
INTERFACE
COATING
SPEED/POWER


Numéro de pièce similaire - DLVR-L02G

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DLVR-L02G ASC-DLVR-L02G Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02G ASC-DLVR-L02G Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Description similaire - DLVR-L02G

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI3F ASC-DLVR-L01D-E1NJ-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com