Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DLVR-L02G Datasheet(Fiches technique) 8 Page - All Sensors Corporation

Numéro de pièce DLVR-L02G
Description  DLVR Series Low Voltage Digital Pressure Sensors
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo 

 8 page
background image
I2C Communications Overview (Cont’d)
Figure 3 - I2C Communication Diagram
Figure 3 illustrates the sequence of signals set by both the host and the sensor for each command. Note that for the Da-
taRead command, the host has the option of responding to the second or third bytes of data with a NACK instead of ACK.
This terminates the data transmission after the pressure data, or after the pressure data and upper byte of temperature,
have been transmitted. See Figure 6 for the I2C timing details.
1. Start All ( to wake sensor from Sleep mode, Zero ADC, read Temperature and read Pressure )
Set by bus master: - - - - I ST A6 A5 A4 A3 A2 A1 A0 R
SP I
Set by sensor: - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - A
2. Start Pressure ( to wake sensor from Sleep mode and read Pressure only )
Set by bus master: - - - - I ST A6 A5 A4 A3 A2 A1 A0 W
SP I
Set by sensor: - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - A
3. Read Data ( with examples of reading pressure, pressure plus 8 bits of temperature and pressure plus 12 bits of temperature )
Set by bus master: - - - - I ST A6 A5 A4 A3 A2 A1 A0 R
A
Set by sensor ( pressure plus status ): - - - - - - - - - - - - - - - - - - - - A D31
… D24
D23 … D16
…then, one of the following:
a) Set by bus master, to stop transfer after pressure data received: - - - - - - - - - - - - - - - - - - - - - - - - N SP I
--OR--
b) Set by bus master, to stop transfer after first temperature data byte received: - - - - - - - - - - - - - - A
N SP I
Set by sensor ( high order 8 bits of temperature ): - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
D15
… D8
--OR--
c) Set by bus master, to stop transfer after last temperature data byte received: - - - - - - - - - - - - - - A
A
N SP I
Set by sensor ( all 12 bits of temperature plus padding bits ): - - - - - - - - - - - - - - - - - - - - - - - - - - - D15
… D8
D7 … D0
Bus states
Sensor Address
Data format
Idle:
I
A6 … A0
Status:
D31 D30
Start:
ST
Default: 0x28
Pressure data:
D29
… D16
Stop:
SP
Temperature data: D15
… D5
Ack:
A
(padding bits:)
D4
… D0
Nack:
N
“Read” bit (1): R
“Write” bit (0): W
Page 8




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl