Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


DLVR-L30D Datasheet(Fiches technique) 1 Page - All Sensors Corporation

Numéro de pièce DLVR-L30D
Description  DLVR Series Low Voltage Digital Pressure Sensors
Télécharger  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo 

 
 1 page
background image
All Sensors
DS-0300 Rev A
The DLVR Series Mini Digital Output Sensor is based on All Sensors’ CoBeam2TM Technology. This reduces package stress
susceptibility, resulting in improved overall long term stability. The technology also vastly improves position sensitivity
compared to single die devices.
The supply voltage options ease integration of the sensors into a wide range of process control and measurement sys-
tems, allowing direct connection to serial communications channels. For battery-powered systems, the sensors can enter
very low-power modes between readings to minimize load on the power supply.
These calibrated and compensated sensors provide accurate, stable output over a wide temperature range. This series
is intended for use with non-corrosive, non-ionic working fluids such as air, dry gases and the like. A protective parylene
coating is optionally available for moisture/harsh media protection.
• 1 to 60 inH2O Pressure Ranges
• 3.3V Supply Voltage Standard / 5V Option
• I2C Standard Interface / SPI Interface Option
• Better than 1.0% Accuracy Over Temperature Typical
• Medical Breathing
• Environmental Controls
• HVAC
• Industrial Controls
• Portable/Hand-Held Equipment
General Description
Applications
Features
DLVR Series Low Voltage Digital Pressure Sensors
Pressure Sensor Maximum Ratings
Environmental Specifications
Device
Operating Range
Proof Pressure
Burst Pressure
Nominal Span
DLVR-L01D
±1 inH2O
100 inH2O
300 inH2O
±6,553 counts
DLVR-L02D
±2 inH2O
100 inH2O
300 inH2O
±6,553 counts
DLVR-L05D
±5 inH2O
200 inH2O
300 inH2O
±6,553 counts
DLVR-L10D
±10 inH2O
200 inH2O
300 inH2O
±6,553 counts
DLVR-L30D
±30 inH2O
200 inH2O
500 inH2O
±6,553 counts
DLVR-L60D
±60 inH2O
200 inH2O
800 inH2O
±6,553 counts
DLVR-L01G
0 to 1 inH2O
100 inH2O
300 inH2O
13,107 counts
DLVR-L02G
0 to 2 inH2O
100 inH2O
300 inH2O
13,107 counts
DLVR-L05G
0 to 5 inH2O
200 inH2O
300 inH2O
13,107 counts
DLVR-L10G
0 to 10 inH2O
200 inH2O
300 inH2O
13,107 counts
DLVR-L30G
0 to 30 inH2O
200 inH2O
500 inH2O
13,107 counts
DLVR-L60G
0 to 60 inH2O
200 inH2O
800 inH2O
13,107 counts
Supply Voltage (Vs)
6 Vdc
Common Mode Pressure
10 psig
Lead Temperature (soldering 2-4 sec.)
270 °C
Temperature Ranges
Compensated:
Commercial
0°C to 70°C
Industrial
-20°C to 85°C
Operating
-25°C to 85 °C
Storage
-40°C to 125 °C
Humidity Limits (non condensing)
0 to 95% RH
Standard Pressure Ranges
Equivalent Circuit
Page 1
I2C
Vs
Gnd
SCL
SDA
INT
SPI
Option
Vs
Gnd
SCLK
MISO
SS




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl