Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLVR-L01D Fiches technique(PDF) 4 Page - All Sensors Corporation

No de pièce DLVR-L01D
Description  DLVR Series Low Voltage Digital Pressure Sensors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ASC [All Sensors Corporation]
Site Internet  https://www.allsensors.com/
Logo ASC - All Sensors Corporation

DLVR-L01D Fiches technique(HTML) 4 Page - All Sensors Corporation

  DLVR-L01D Datasheet HTML 1Page - All Sensors Corporation DLVR-L01D Datasheet HTML 2Page - All Sensors Corporation DLVR-L01D Datasheet HTML 3Page - All Sensors Corporation DLVR-L01D Datasheet HTML 4Page - All Sensors Corporation DLVR-L01D Datasheet HTML 5Page - All Sensors Corporation DLVR-L01D Datasheet HTML 6Page - All Sensors Corporation DLVR-L01D Datasheet HTML 7Page - All Sensors Corporation DLVR-L01D Datasheet HTML 8Page - All Sensors Corporation DLVR-L01D Datasheet HTML 9Page - All Sensors Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Parameter
Symbol
Min
Typ
Max
Units
Input High Level
-
80.0
-
100
% of Vs
Input Low Level
-
0
-
20.0
% of Vs
Output Low Level
-
-
-
10.0
% of Vs
I2C Pull-up Resistor
-
1000
-
-
I2C Load Capacitance on SDA, @ 400 kHz
CSDA
-
-
200
pF
I2C Input Capacitance (each pin)
CI2C_IN
-
-
10.0
pF
I2C / SPI Electrical Parameters for DLVR Series
Device Options
The following is a list of factory programmable options. Consult the factory to learn more about the options.
Interface
I2C and SPI interfaces are available. NOTE: SPI interface is only available with eight (8) lead packages.
Supply Voltage
Devices are characterized at either 3.3V or 5.0V depending on the options selected. It is suggested to select
the option that most closely matches the application supply voltage for best possible performance.
Speed/Power
There are four options of Speed/Power. These are Fast(F), Noise Reduced(N), Low Power(L) and Sleep mode(S).
Fast Mode(F) Is the fastest operating mode where the device operates with continuous sampling at the
fastest internal speed.
Noise Reduced(N): Also operates with continuous samples however the ADC is set for over sampling
for noise reduction. The conversion times are resultantly longer than the Fast(F) mode however, there is
approximately 1/2 bit reduction in noise.
Low Power(L): Is similar to the Fast(F) mode with exception that the device uses an internal timer to
delay between pressure conversions. The internal timer time-out triggers the next conversion cycle. The
update rate is commensurately lower for this mode as a result.
Sleep(S): Is similar to the Low Power(L) mode however the trigger to initiate a sample comes from the
user instead of an internal timer. This is ideal for very low update rate applications that requirelow
power usage. It is also ideal for synchronizing the data conversions with the host microprocessor.
Coating
Parylene Coating: Parylene coating provides a moisture barrier and protection form some harsh media. Con-
sult factory for applicability of Parylene for the target application and sensor type.
Page 4


Numéro de pièce similaire - DLVR-L01D

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DLVR-L01D ASC-DLVR-L01D Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D ASC-DLVR-L01D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D ASC-DLVR-L01D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D ASC-DLVR-L01D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D ASC-DLVR-L01D Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
More results

Description similaire - DLVR-L01D

FabricantNo de pièceFiches techniqueDescription
logo
All Sensors Corporation
DLVR-L01D-E2NS-C-NI3F ASC-DLVR-L01D-E2NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L01D-E1NJ-C-NI5F ASC-DLVR-L01D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NJ-C-NI5F ASC-DLVR-L02D-E1NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E1NS-C-NI3F ASC-DLVR-L02D-E1NS-C-NI3F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L02D-E2NJ-C-NI5F ASC-DLVR-L02D-E2NJ-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-03001 ASC-DS-03001 Datasheet
3Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DLVR-L10D-E1NS-C-NI5F ASC-DLVR-L10D-E1NS-C-NI5F Datasheet
1Mb / 18P
   DLVR Series Low Voltage Digital Pressure Sensors
DS-0300 ASC-DS-0300 Datasheet
1Mb / 18P
   Low Voltage Digital Pressure Sensors
DLHR-L60G-E1BD-C-NAV8 ASC-DLHR-L60G-E1BD-C-NAV8 Datasheet
1Mb / 16P
   DLHR Series Low Voltage Digital Pressure Sensors
DLH-L05D-E1BD-C-NAV8 ASC-DLH-L05D-E1BD-C-NAV8 Datasheet
2Mb / 16P
   DLH Series Low Voltage Digital Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com