Moteur de recherche de fiches techniques de composants électroniques |
|
DLHR-L10D Fiches technique(PDF) 10 Page - All Sensors Corporation |
|
DLHR-L10D Fiches technique(HTML) 10 Page - All Sensors Corporation |
10 / 16 page DLHR Series Low Voltage Digital Pressure Sensors How to Order Refer to Table 4 for configuring a standard base part number which includes the pressure range, package and temperature range. Table 5 shows the available configuring options. The option identifier is required to com- plete the device part number. Refer to Table 6 for the available device packages. Example P/N with options: DLHR-L02D-E1NS-C-NAV6 Page 10 Table 6 - Available E-Series Package Configurations Table 4 - How to configure a base part Table 5 - How to configure an option identifier SIP (1) DIP J Lead SMT Low Profile DIP SIP (1) DIP J Lead SMT Low Profile DIP Port Orientation Non‐Barbed Lid Barbed Lid Lead Style Lead Style Dual Port Same Side N/A N/A N/A E1NS E1ND E1NJ E1BS E1BD Dual Port Opposite Side N/A N/A N/A E2NS E2ND E2NJ E2BS E2BD Single Port (Gage) N/A N/A N/A N/A N/A N/A N/A N/A (1) SPI is not available in SIP packages (1) SPI is not available in SIP packages ID Description ID Description ID Description ID Description N No Coating A Auto I2C/SPI V 1.68V to 3.6V 6 16 Bit P Parylene Coating (1) 7 17 bit 8 18 bit Example N AV 6 (1) Parylene coating not offered on J‐Lead Configurations COATING INTERFACE SUPPLY VOLTAGE RESOLUTION Base ID ID Description ID ID Description ID Description ID Description ID Description DLHR F50D ±0.5 inH2O E 1 Dual Port Same Side N Non-Barbed S SIP C Commercial L01D ±1 inH2O 2 Dual Port Opposite Side B Barbed D DIP I Industrial L02D ±2 inH2O J J-Lead SMT L05D ±5 inH2O L10D ±10 inH2O L20D ±20 inH2O L30D ±30 inH2O L60D ±60 inH2O F50G 0 to 0.5 inH2O L01G 0 to 1 inH2O L02G 0 to 2 inH2O L05G 0 to 5 inH2O L10G 0 to 10 inH2O L20G 0 to 20 inH2O L30G 0 to 30 inH2O L60G 0 to 60 inH2O Example DLHR - L02D - E 1 N S - C TEMPERATURE RANGE SERIES Lead Type Lid Style Port Orientation PACKAGE PRESSURE RANGE |
Numéro de pièce similaire - DLHR-L10D |
|
Description similaire - DLHR-L10D |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |