Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LA-024-24-02-00-00 Datasheet(Fiches technique) 2 Page - Laird Tech Smart Technology

Numéro de pièce LA-024-24-02-00-00
Description  Precise temperature control
Télécharger  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  LSTD [Laird Tech Smart Technology]
Site Internet  http://www.lairdtech.com/
Logo LSTD - Laird Tech Smart Technology

LA-024-24-02-00-00 Datasheet(HTML) 2 Page - Laird Tech Smart Technology

  LA-024-24-02-00-00 Datenblatt HTML 1Page - Laird Tech Smart Technology LA-024-24-02-00-00 Datasheet HTML 2Page - Laird Tech Smart Technology LA-024-24-02-00-00 Datenblatt HTML 3Page - Laird Tech Smart Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LA?024?24?02?00?00
Liquid?to?AirThermoelectricAssembly
SPECIFICATIONS
TECHNICAL
Technology
Thermoelectricbased
Coolingat?T=0C
24W
Voltage(nominal/maximum)
1
24/30VDC
Currentdraw,10%(nominal/
startup)
1.4/1.7A
Weight
0.5kg
MTBF(fans)
50,000hours
PerformanceTolerance
10%
ENVIRONMENTAL
Temperaturerange
?10Cto+48C


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn