Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS92692-Q1 Fiches technique(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS92692-Q1
Description  High Accuracy LED Controller With Spread Spectrum Frequency Modulation
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPS92692-Q1 Fiches technique(HTML) 11 Page - Texas Instruments

Back Button TPS92692-Q1 Datasheet HTML 7Page - Texas Instruments TPS92692-Q1 Datasheet HTML 8Page - Texas Instruments TPS92692-Q1 Datasheet HTML 9Page - Texas Instruments TPS92692-Q1 Datasheet HTML 10Page - Texas Instruments TPS92692-Q1 Datasheet HTML 11Page - Texas Instruments TPS92692-Q1 Datasheet HTML 12Page - Texas Instruments TPS92692-Q1 Datasheet HTML 13Page - Texas Instruments TPS92692-Q1 Datasheet HTML 14Page - Texas Instruments TPS92692-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
VIADJ (V)
0
0.28 0.56 0.84 1.12 1.4 1.68 1.96 2.24 2.52 2.8 3
0
20
40
60
80
100
120
140
160
180
200
D016
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
2.395
2.396
2.397
2.398
2.399
2.4
2.401
2.402
2.403
D017
V(CSP-CSN) (mV)
0
30
60
90
120
150
180
210
240
270
300
0
0.5
1
1.5
2
2.5
3
3.5
4
D014
Junction Temperaure (oC)
-40
-20
0
20
40
60
80
100
120
140
160
3.64
3.66
3.68
3.7
3.72
3.74
3.76
D015
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
99
99.25
99.5
99.75
100
100.25
100.5
100.75
101
D0012
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
160
95
100
105
110
115
120
125
D013
CSP
CSN
11
TPS92692, TPS92692-Q1
www.ti.com
SLVSDD9 – MARCH 2017
Product Folder Links: TPS92692 TPS92692-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
TA = 25°C, VIN = 14 V, VIADJ = 2.2 V, CVCC = 1 µF, CCOMP = 2.2 nF, RCS = 100 mΩ, RT = 20 kΩ, VPWM = 5 V, no load on GATE
and PDRV (unless otherwise noted)
VIADJ= 1.4 V
Figure 13. V(CSP-CSN) Threshold vs Junction Temperature
VCSP= VCSN = 14 V
Figure 14. CSP/CSN Input Bias Current vs Junction
Temperature
Figure 15. VIMON vs V(CSP-CSN)
Figure 16. VIMON(CLP) vs Junction Temperature
Figure 17. V(CSP-CSN) Threshold vs VIADJ
Figure 18. VIADJ Voltage Clamp vs Junction Temperature


Numéro de pièce similaire - TPS92692-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS92690 TI-TPS92690 Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
TPS92690PWP TI-TPS92690PWP Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWP/NOPB TI-TPS92690PWP/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
TPS92690PWPR TI-TPS92690PWPR Datasheet
1Mb / 28P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives with Low-Side Current Sense
More results

Description similaire - TPS92692-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Linear Dimensions Semic...
LT3795 LINEAR_DIMENSIONS-LT3795 Datasheet
438Kb / 28P
   110V LED Controller with Spread Spectrum Frequency Modulation
logo
Linear Technology
LT3795 LINER-LT3795_15 Datasheet
589Kb / 30P
   110V LED Controller with Spread Spectrum Frequency Modulation
LT3795 LINER-LT3795 Datasheet
398Kb / 8P
   110V LED Controller with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902 Datasheet
212Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6902 LINER-LTC6902_15 Datasheet
213Kb / 16P
   Multiphase Oscillator with Spread Spectrum Frequency Modulation
LTC6908-1 LINER-LTC6908-1_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
LTC6908-2 LINER-LTC6908-2_15 Datasheet
253Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
AMI SEMICONDUCTOR
AMIS-50050 AMI-AMIS-50050 Datasheet
362Kb / 10P
   Spread Spectrum Baseband Controller
logo
Linear Technology
LTC6908-1 LINER-LTC6908-1 Datasheet
247Kb / 16P
   Resistor Set SOT-23 Oscillator with Spread Spectrum Modulation
logo
Epson Company
SG-9001CA EPSON-SG-9001CA Datasheet
130Kb / 1P
   PROGRAMMABLE HIGH-FREQUENCY CRYSTAL OSCILLATOR WITH SPREAD SPECTRUM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com