Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSM846C23MOLT Fiches technique(PDF) 6 Page - Texas Instruments

No de pièce TPSM846C23MOLT
Description  4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM846C23MOLT Fiches technique(HTML) 6 Page - Texas Instruments

Back Button TPSM846C23MOLT Datasheet HTML 2Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 3Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 4Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 5Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 6Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 7Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 8Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 9Page - Texas Instruments TPSM846C23MOLT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 78 page
background image
6
TPSM846C23
SLVSDF3 – MARCH 2017
www.ti.com
Product Folder Links: TPSM846C23
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Thermal Information
THERMAL METRIC(1)
TPSM846C23
UNIT
MOL (QFN)
59 PINS
RθJA
Junction-to-ambient thermal resistance
8.7
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
4.3
°C/W
(1)
Output voltage is set by the VOUT_COMMAND PMBus command.
(2)
Specified by design.
(3)
While the PMBus permits setting the output voltage higher than 2.0 V, this product is not designed to be operated beyond this limit.
(4)
The stated limit of the set-point tolerance includes the tolernace of both the internal voltage reference and the internal adjustment
resistor. The overall output voltage tolerance will be affected by the tolerance of the external RSET resistor.
6.6 Electrical Characteristics
Over –40°C to 105°C free-air temperature range, VIN = 12 V, VOUT = 1.2 V, IOUT = IOUT max, ƒSW = 500 kHz,
CIN1 = 4 × 22-µF 25-V 1210 ceramic, CIN2 = 2 × 330-µF electrolytic bulk, COUT1 = 4 × 47-µF, 6.3-V 1210 ceramic,
COUT2 = 2 × 470-µF 6.3-V polymer bulk (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT VOLTAGE (VIN)
VIN
Input voltage
Over IOUT range
4.5
15
V
IVIN
Input operating current
Non-switching supply current
7.7
12
mA
OUTPUT VOLTAGE (VOUT)
VOUT
Factory default setting
RSET = Not loaded, VOUT_SCALE_LOOP = 1.0
600
mV
RSET = 10 kΩ, 1%, VOUT_SCALE_LOOP = 0.5
1.20
V
VOUT programmable
range(1) (2)
RSET = Not loaded, VOUT_SCALE_LOOP = 1.0
0.35
1.65
V
RSET = 10 kΩ, 1%, VOUT_SCALE_LOOP = 0.5
0.7
2(3)
V
VOUT programmable step
size
RSET = Not loaded, VOUT_SCALE_LOOP = 1.0
1.953
mV
RSET = 10 kΩ, 1%, VOUT_SCALE_LOOP = 0.5
3.906
mV
Set-point voltage tolerance
RSET = Not loaded, TJ = 25°C, IOUT = 0A
–1.0%
1.0%
RSET = 10 kΩ, 1%, TJ = 25°C, IOUT = 0A
(4)
–1.5%
1.5%
Temperature variation
0°C < TJ < 85°C, IOUT = 0 A
(2)
–0.5%
0.5%
–40°C < TJ < 125°C, IOUT = 0 A
(2)
–1.0%
1.0%
Line regulation
4.5 V < VIN < 15 V, IOUT = 0 A
±0.05%
Load regulation
Over IOUT range, using remote sense
±0.2%
VOUT
ripple
Output voltage ripple
20 MHz bandwidth
13
mV
OUTPUT CURRENT
IOUT
Output current
Natural Convection. See SOA graph for derating
over temperature.
0
35
A
IOCF
Overcurrent fault threshold
Factory default setting
42
A
Programmable range
5
52
IOCWF
Overcurrent warning
threshold
Factory default setting
37
A
Programmable range
4
50
IOCF(acc)
Overcurrent fault
accuracy
IOUT ≥ 20 A
–15%
15%
ISH(acc)
Output current share
accuracy
(IOUT1 – IOUT2) ÷ ITOTAL, IOUT ≥ 20 A per module
(2)
–15%
15%
(IOUTx – ITOTAL) ÷ 2, IOUT < 20 A per module
(2)
–3
3
A


Numéro de pièce similaire - TPSM846C23MOLT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM846C23MOLR TI1-TPSM846C23MOLR Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
More results

Description similaire - TPSM846C23MOLT

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com