Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSM846C23 Fiches technique(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPSM846C23
Description  4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM846C23 Fiches technique(HTML) 5 Page - Texas Instruments

  TPSM846C23 Datasheet HTML 1Page - Texas Instruments TPSM846C23 Datasheet HTML 2Page - Texas Instruments TPSM846C23 Datasheet HTML 3Page - Texas Instruments TPSM846C23 Datasheet HTML 4Page - Texas Instruments TPSM846C23 Datasheet HTML 5Page - Texas Instruments TPSM846C23 Datasheet HTML 6Page - Texas Instruments TPSM846C23 Datasheet HTML 7Page - Texas Instruments TPSM846C23 Datasheet HTML 8Page - Texas Instruments TPSM846C23 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 78 page
background image
5
TPSM846C23
www.ti.com
SLVSDF3 – MARCH 2017
Product Folder Links: TPSM846C23
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
6 Specifications
6.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
Input Voltage
VIN
–0.3
18
V
VIN < 2 ms transient
19
VIN–PH (VIN TO PH differentially)
–0.3
25
ADDR0, ADDR1, FB
–0.3
3.6
CLK, DATA
–0.3
5.5
VS+, VS–, RT, CNTL, SYNC, PGOOD, ISHARE, RT_SEL
–0.3
7
BP6_RTN, BP_RTN, AGND
–0.3
0.3
Output voltage
PH
–1
25
V
PH < 100 ns transient
–5
25
BP6, COMP, DIFFO, VSHARE
–0.3
7
ALERT
–0.3
5.5
BP3
–0.3
3.6
Operating IC Junction
Temperature,
–40
150
°C
Storage temperature, Tstg
–55
150
°C
Mechanical shock
500
G
Mechanical vibration
10
G
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1500
6.3 Package Specifications
TPSM846C23
VALUE
UNIT
Weight
3.92
grams
Flammability
Meets UL 94 V-O
MTBF Calculated Reliability
Per Bellcore TR-332, 50% stress, TA = 40°C, ground benign
26.6
MHrs
6.4 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Input voltage
VIN
4.5
12
15
V
SYNC
3.3
6.5
PGOOD pull-up voltage
3.3
5.5
Output voltage
VOUT
0.35
2.0
V
Output current
IOUT
0
35
A
Frequency
300
500
1000
kHz
Temperature
Operating ambient temperature
–40
105
°C
Operating IC junction temperature
–40
125
°C


Numéro de pièce similaire - TPSM846C23

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23MOLR TI1-TPSM846C23MOLR Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
More results

Description similaire - TPSM846C23

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com