Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPSM846C23 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPSM846C23
Description  4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBusTM Power Module
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPSM846C23 Fiches technique(HTML) 3 Page - Texas Instruments

  TPSM846C23 Datasheet HTML 1Page - Texas Instruments TPSM846C23 Datasheet HTML 2Page - Texas Instruments TPSM846C23 Datasheet HTML 3Page - Texas Instruments TPSM846C23 Datasheet HTML 4Page - Texas Instruments TPSM846C23 Datasheet HTML 5Page - Texas Instruments TPSM846C23 Datasheet HTML 6Page - Texas Instruments TPSM846C23 Datasheet HTML 7Page - Texas Instruments TPSM846C23 Datasheet HTML 8Page - Texas Instruments TPSM846C23 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 78 page
background image
2
3
4
5
6
7
8
9
10 11 12 13 14
16
17
18
19
20
21
22
23
24
25
26
28
29
33
30
31
32
34
35
36
37
38
39
40
42
43
44
45
46
47
48
49
50
51
52
VINBP
BP6
BP6_RTN
BP3
VIN
VIN
VIN
PGND
PGND
PH
PH
PH
PH
PH
DNC
ALERT
CLK
DATA
ADDR0
ADDR1
BP_RTN
PGOOD
53
54
56
VOUT
PH
VIN
PGND
NC
NC
PGND
VOUT
55
57
PGND
58
PGND
59
PGND
41
27
1
15
3
TPSM846C23
www.ti.com
SLVSDF3 – MARCH 2017
Product Folder Links: TPSM846C23
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
MOL Package
(59-Pin BQFN)
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
ADDR0
17
I
Connect a resistor from this pin to AGND to set the low-order 3 bits of the desired PMBus
address. Do not leave this pin floating. See PMBus ADDRESS section.
ADDR1
16
I
Connect a resistor from this pin to AGND to set the high-order 3 bits of the desired PMBus
address. Do not leave this pin floating. See PMBus ADDRESS section.
AGND
10
G
Analog ground for the controller circuitry. This pin is internally connected to PGND.
ALERT
20
O
PMBus ALERT pin. See PMBus specification.
CLK
19
I
PMBus CLK pin. See PMBus specification.
CNTL
12
I
PMBus CNTL pin. See PMBus specification.
COMP
9
O
Output of the error amplifier.
DATA
18
I/O
PMBus DATA pin. See PMBus specification.
DIFFO
6
O
Output of the remote sense differential amplifier. This provides remote sensing for output
voltage reporting and the voltage control loop.


Numéro de pièce similaire - TPSM846C23

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23MOLR TI1-TPSM846C23MOLR Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
More results

Description similaire - TPSM846C23

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPSM846C23 TI1-TPSM846C23_17 Datasheet
1Mb / 82P
[Old version datasheet]   4.5-V to 15-V Input, 0.35-V to 2.0-V Output, 35-A PMBus Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
TPSM84209 TI1-TPSM84209_19 Datasheet
1Mb / 36P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
logo
Vishay Siliconix
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com