Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SM-BGA-9055 Fiches technique(PDF) 5 Page - Ironwood Electronics.

No de pièce SM-BGA-9055
Description  Easily removalbe swivel socket lid
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SM-BGA-9055 Fiches technique(HTML) 5 Page - Ironwood Electronics.

  SM-BGA-9055 Datasheet HTML 1Page - Ironwood Electronics. SM-BGA-9055 Datasheet HTML 2Page - Ironwood Electronics. SM-BGA-9055 Datasheet HTML 3Page - Ironwood Electronics. SM-BGA-9055 Datasheet HTML 4Page - Ironwood Electronics. SM-BGA-9055 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Socket base
Socket base orientation mark
Compression Plate
compression plate
orientation mark
Device
device pin A1
When placing BGA device inside the socket, note
orientation of the socket base, compression plate
and device. Pin A1 orientation mark on the device
is in the upper left corner if looking from the top.
Orientation mark on the socket base is in the
upper left corner if looking from the top.
Orientation mark on the compression plate is on
the upper left corner if looking from the top.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: User instructions
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 12/22/2014
Material: N/A
Finish: N/A
Weight: 5.06
SM-BGA-9055 Drawing
SCALE: 4:1
SHEET: 5 OF 5
ENG: E. Smolentseva
FILE: SM-BGA-9055 Dwg
DRAWN BY: M. Raske


Numéro de pièce similaire - SM-BGA-9055

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9051 IRONWOOD-SM-BGA-9051 Datasheet
381Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9052 IRONWOOD-SM-BGA-9052 Datasheet
444Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9053 IRONWOOD-SM-BGA-9053 Datasheet
568Kb / 4P
   Ball guide prevents over compression of elastomer
SM-BGA-9054 IRONWOOD-SM-BGA-9054 Datasheet
371Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Description similaire - SM-BGA-9055

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9030 IRONWOOD-SM-BGA-9030 Datasheet
379Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9050 IRONWOOD-SM-BGA-9050 Datasheet
459Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9046 IRONWOOD-SM-BGA-9046 Datasheet
455Kb / 5P
   Easily removalbe swivel socket lid
GT-BGA-2046 IRONWOOD-GT-BGA-2046 Datasheet
564Kb / 5P
   Easily removalbe swivel socket lid
SM-BGA-9007 IRONWOOD-SM-BGA-9007 Datasheet
342Kb / 4P
   Easily removalbe swivel socket lid
SG-BGA-6376 IRONWOOD-SG-BGA-6376 Datasheet
357Kb / 4P
   Easily removable swivel socket lid
SG-BGA-6391 IRONWOOD-SG-BGA-6391 Datasheet
430Kb / 5P
   Easily removable swivel socket lid
SG-BGA-6423 IRONWOOD-SG-BGA-6423 Datasheet
225Kb / 4P
   Easily removable swivel socket lid
GT-BGA-2042 IRONWOOD-GT-BGA-2042 Datasheet
389Kb / 4P
   Easily removable swivel socket lid
GT-QFN-3001 IRONWOOD-GT-QFN-3001 Datasheet
353Kb / 4P
   Easily removable swivel socket lid
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com