Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

9456490000 Fiches technique(PDF) 1 Page - Weidmuller

No de pièce 9456490000
Description  SAI-4-F 4P PUR 10M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WEIDMULLER [Weidmuller]
Site Internet  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

9456490000 Fiches technique(HTML) 1 Page - Weidmuller

  9456490000 Datasheet HTML 1Page - Weidmuller 9456490000 Datasheet HTML 2Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product catalogue | Sensor-Actuator-Interface (SAI) | SAI - passive | M12 distributor | Fixed cabel version | SAI-4/6/8-F
4P
- 1 -
General ordering data
Order No.
9456200000
Part designation
SAI-4-F 4P PUR 10M
Version
Sensor-actuator passive distributor, M12, Fixed
cable version, 10.00 m, LED: Yes
EAN
4008190304195
Qty.
1 pc(s).
Dimensions
Length
102 mm
Height
25 mm
Technical data
Ambient temperature, max.
80 °C
Ambient temperature, min.
-20 °C
Behaviour in fire
V-0
Bus system
without
Contact carrier material
PBT UL 94 V0
Contact material
CuZn, pre-nickeled, gold-plated
Contact surface
tinned
Contact tube O-ring material
Viton
Contact tube diameter
M12
Current per signal
2 A
Electrical isolation available
No
Hood sealing material
Viton
Housing colour
grey, RAL 7032
Housing material
Pocan
Insulation resistance
1 MΩ
LED colour for I/O function
yellow
LED colour for indicating operation
green
LED initiator
Yes
Number of contact sockets
4
Ordering data, title
SAI-4/6/8-F
Plugging cycles
< = 50
Pollution severity
3
Protection class
IP 68
Rated voltage
32 V DC
Sheathing stripping length
100 mm
Suitable for cable carriers
Yes
Test voltage
1 kVeff
Threaded sockets
CuZn, nickel-plated
Total current
9 A
Wiring diagram
max. current-carrying capacity per slot
3 A
max. voltage
30 V DC
min. voltage
10 V
No. of poles
4
Version
complete module
Cable length
10 m


Numéro de pièce similaire - 9456490000

FabricantNo de pièceFiches techniqueDescription
logo
Weidmuller
9456490000 WEIDMULLER-9456490000 Datasheet
57Kb / 2P
   SAI-6-F 4P PUR 10M
9456490000 WEIDMULLER-9456490000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 5M
9456490000 WEIDMULLER-9456490000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 10M
More results

Description similaire - 9456490000

FabricantNo de pièceFiches techniqueDescription
logo
Weidmuller
9456480000 WEIDMULLER-9456480000 Datasheet
57Kb / 2P
   SAI-6-F 4P PUR 10M
9456760000 WEIDMULLER-9456760000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 10M
9456620000 WEIDMULLER-9456620000 Datasheet
58Kb / 3P
   SAI-6-F 5P PUR 10M
9456750000 WEIDMULLER-9456750000 Datasheet
57Kb / 2P
   SAI-8-F 4P PUR 5M
1705923000 WEIDMULLER-1705923000 Datasheet
55Kb / 2P
   SAI-4-MHD-4P M12
logo
NorComp
858FYYY-203RAU1 NORCOMP-858FYYY-203RAU1 Datasheet
103Kb / 1P
   M12FW / 4P / A / F / U / 4-6MM
Rev.0
logo
Weidmuller
9457590000 WEIDMULLER-9457590000 Datasheet
56Kb / 3P
   SAI-8-F 5P 5M 0.5/1.0U
logo
HARTING Technology Grou...
33-48-010-1804-100 HARTING-33-48-010-1804-100 Datasheet
484Kb / 2P
   ix Type A 4x2xAWG26/7 PUR 10m
logo
Schneider Electric
XZCP1041L10 SCHNEIDER-XZCP1041L10 Datasheet
92Kb / 4P
   pre-wired connectors XZ - elbowed female - M8 - 4 pins - cable PUR 10m
XZCP1141L10 SCHNEIDER-XZCP1141L10 Datasheet
85Kb / 4P
   pre-wired connectors XZ - straight female - M12 - 4 pins - cable PUR 10m
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com