Moteur de recherche de fiches techniques de composants électroniques |
|
TSC2046IRGVRG4 Fiches technique(PDF) 9 Page - Burr-Brown (TI) |
|
|
TSC2046IRGVRG4 Fiches technique(HTML) 9 Page - Burr-Brown (TI) |
9 / 23 page TSC2046 9 SBAS265C www.ti.com ANALOG INPUT Figure 2 shows a block diagram of the input multiplexer on the TSC2046, the differential input of the ADC, and the differential reference of the converter. Table I and Table II show the relationship between the A2, A1, A0, and SER/DFR control bits and the configuration of the TSC2046. The control bits are provided serially via the DIN pin—see the Digital Interface section of this data sheet for more details. A2 A1 A0 VBAT AUXIN TEMP Y– X+ Y+ Y-POSITION X-POSITION Z1-POSITION Z2-POSITION X-DRIVERS Y-DRIVERS 00 0 +IN (TEMP0) Off Off 0 0 1 +IN Measure Off On 0 1 0 +IN Off Off 0 1 1 +IN Measure X–, On Y+, On 1 0 0 +IN Measure X–, On Y+, On 1 0 1 +IN Measure On Off 1 1 0 +IN Off Off 11 1 +IN (TEMP1) Off Off TABLE I. Input Configuration (DIN), Single-Ended Reference Mode (SER/DFR high). TABLE II. Input Configuration (DIN), Differential Reference Mode (SER/DFR low). A2 A1 A0 +REF –REF Y– X+ Y+ Y-POSITION X-POSITION Z1-POSITION Z2-POSITION DRIVERS ON 0 0 1 Y+ Y– +IN Measure Y+, Y– 0 1 1 Y+ X– +IN Measure Y+, X– 1 0 0 Y+ X– +IN Measure Y+, X– 1 0 1 X+ X– +IN Measure X+, X– When the converter enters the hold mode, the voltage difference between the +IN and –IN inputs (as shown in Figure 2) is captured on the internal capacitor array. The input current into the analog inputs depends on the conver- sion rate of the device. During the sample period, the source must charge the internal sampling capacitor (typically 25pF). After the capacitor has been fully charged, there is no further input current. The rate of charge transfer from the analog source to the converter is a function of conversion rate. FIGURE 2. Simplified Diagram of Analog Input. ADC Logic Level Shifter –REF +REF +IN –IN V BAT AUX Battery On GND 2.5V Reference Ref On/Off X+ X– +V CC TEMP1 PENIRQ 50k Ω or 90k Ω Y+ Y– V REF IOVDD TEMP0 7.5k Ω 2.5k Ω A2-A0 (Shown 001 B) SER/DFR (Shown Low) |
Numéro de pièce similaire - TSC2046IRGVRG4 |
|
Description similaire - TSC2046IRGVRG4 |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |