Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-BGA1294A-01 Fiches technique(PDF) 5 Page - Ironwood Electronics.

No de pièce SS-BGA1294A-01
Description  Excellent signal integrity at high frequencies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA1294A-01 Fiches technique(HTML) 5 Page - Ironwood Electronics.

  SS-BGA1294A-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA1294A-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA1294A-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA1294A-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA1294A-01 Datasheet HTML 5Page - Ironwood Electronics. SS-BGA1294A-01 Datasheet HTML 6Page - Ironwood Electronics. SS-BGA1294A-01 Datasheet HTML 7Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
2
1
ITEM
NO.
DESCRIPTION
Material
1
Heat sink screw
7075-T6 Aluminum Alloy
2
Fan 50mmx50mmx15mm, 12V, 0.573
m3/min, 4 wires
Plastic (UL 94V-0)
3
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
4
Dowel pin, M1, 5mm long 18-8 SS
Stainless Steel (18-8)
5 Black-Oxide Alloy Steel Socket Head Cap
Screw #6-32 1" Length
Alloy Steel
6
Threaded Standoff, Modified
Stainless Steel (18-8)
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Heatsink assy
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 09/15/2015
Material: N/A
Finish: N/A
Weight: 366.84
SS-BGA1294A-01 Drawing
SCALE: 3:1
SHEET: 5 OF 7
ENG: E. Smolentseva
FILE: SS-BGA1294A-01 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Numéro de pièce similaire - SS-BGA1294A-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-BGA100K-01 IRONWOOD-SS-BGA100K-01 Datasheet
87Kb / 4P
   Compression plate distributes forces evenly
SS-BGA104A-01 IRONWOOD-SS-BGA104A-01 Datasheet
156Kb / 4P
   Minimum real estate required
SS-BGA1156A-01 IRONWOOD-SS-BGA1156A-01 Datasheet
315Kb / 5P
   Compression plate distributes evenly
SS-BGA1156A-02 IRONWOOD-SS-BGA1156A-02 Datasheet
193Kb / 4P
   Minimum real estate required
SS-BGA144R-01 IRONWOOD-SS-BGA144R-01 Datasheet
79Kb / 4P
   Minimum real estate required
More results

Description similaire - SS-BGA1294A-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com