Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS-BGA736B-01 Fiches technique(PDF) 1 Page - Ironwood Electronics.

No de pièce SS-BGA736B-01
Description  Compression plate distributes forces evenly
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRONWOOD [Ironwood Electronics.]
Site Internet  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SS-BGA736B-01 Fiches technique(HTML) 1 Page - Ironwood Electronics.

  SS-BGA736B-01 Datasheet HTML 1Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 2Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 3Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 4Page - Ironwood Electronics. SS-BGA736B-01 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ø 18mm hole
64.73mm
58.1mm
39.7mm
+ IC height
A
A
Top View
Side View
Front View
Section A-A
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: J. Glab
Scale: -
Rev: A
Date: 10/26/06
File: SS-BGA736B-01 Dwg
SS-BGA736B-01 Drawing
Modified:
PAGE 1 of 5
Features
Directly mounts to target PCB (needs tooling
holes) with hardware
Minimum real estate required
Compression plate distributes forces evenly
Clamshell lid
Compression Plate: Black anodized Aluminum.
Thickness = 12 mm.
Compression Screw: Clear anodized Aluminum.
Height = 27 mm, Fluted Knob
Pogo Pin:
Plungers - Hardened Steel/ Gold plated
Barrel - Copper Alloy/ Gold plated
Spring - Stainless Steel/ Gold wire
Pogo Pin Guides: Torlon or Peek.
Socket Base: Black anodized Aluminum.
Height = 6 mm.
Clam Shell Lid: Black anodized Aluminum.
Height = 20 mm.
Socket Base Screw: Socket Head Cap Screw,
Black Oxide, 0-80 Thread, 5/8" long.
Backing Plate: 2.9mm thick stainless steel
Insulation Plate: FR4/G10
1
Materials:
2
3
4
5
6
7
8
9
Pogo Pin Guide Screw: Pan head phillips, 18-8
SS, 0-80 thread, 3/16" long.
Latch: Black anodized Aluminum.
10
11
1
2
Customer's PCB
6
5
3
4
8
9
10
7
11
© 2006 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com


Numéro de pièce similaire - SS-BGA736B-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-BGA772A-01 IRONWOOD-SS-BGA772A-01 Datasheet
287Kb / 5P
   Compression plate distributes evenly
More results

Description similaire - SS-BGA736B-01

FabricantNo de pièceFiches techniqueDescription
logo
Ironwood Electronics.
SS-QFN12E-01 IRONWOOD-SS-QFN12E-01 Datasheet
78Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7058 IRONWOOD-SG-BGA-7058 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7123 IRONWOOD-SG-BGA-7123 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-7246 IRONWOOD-SG-BGA-7246 Datasheet
373Kb / 5P
   Compression plate distributes forces evenly
SG-QFE-7000 IRONWOOD-SG-QFE-7000 Datasheet
44Kb / 3P
   Compression plate distributes forces evenly
XG-LGA-7000 IRONWOOD-XG-LGA-7000 Datasheet
64Kb / 4P
   Compression plate distributes forces evenly
XG-LGA-7004 IRONWOOD-XG-LGA-7004 Datasheet
583Kb / 4P
   Compression plate distributes forces evenly
XG-QFN-9000 IRONWOOD-XG-QFN-9000 Datasheet
43Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6184 IRONWOOD-SG-BGA-6184 Datasheet
58Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6147 IRONWOOD-SG-BGA-6147 Datasheet
96Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6113 IRONWOOD-SG-BGA-6113 Datasheet
38Kb / 3P
   Compression plate distributes forces evenly
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com