Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS61107PW Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPS61107PW
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS61107PW Fiches technique(HTML) 1 Page - Texas Instruments

  TPS61107PW Datasheet HTML 1Page - Texas Instruments TPS61107PW Datasheet HTML 2Page - Texas Instruments TPS61107PW Datasheet HTML 3Page - Texas Instruments TPS61107PW Datasheet HTML 4Page - Texas Instruments TPS61107PW Datasheet HTML 5Page - Texas Instruments TPS61107PW Datasheet HTML 6Page - Texas Instruments TPS61107PW Datasheet HTML 7Page - Texas Instruments TPS61107PW Datasheet HTML 8Page - Texas Instruments TPS61107PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
(6,6 mm x 6,4 mm)
(4,15 mm x 4,15 mm)
www.ti.com
FEATURES
APPLICATIONS
TYPICAL APPLICATION
OFF
ON
OFF
ON
OFF
ON
OFF
ON
OFF
ON
VBAT
LBI
SKIPEN
ADEN
EN
ENPB
LDOEN
SWN
VOUT
FB
PGOOD
LBO1
LBO2
LDOIN
LDOOUT
LDOSENSE
GND
PGND
Control
Inputs
Control
Outputs
VCC1
VCC2
TPS61100
Battery
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Low EMI-Converter (Integrated Antiringing
Switch)
Synchronous 95% Efficient Boost Converter
Load Disconnect During Shutdown
Integrated 120 mA LDO for Second Output
Auto Discharge Allows the Device to
Voltage
Discharge Output Capacitor During Shutdown
TSSOP-20 and QFN-24 Package
Overtemperature Protection
65 µA (Typ) Total Device Quiescent Current
EVM Available (TPS6110XEVM-216)
0.8 V to 3.3 V Input Voltage Range
Adjustable Output Voltage up to 5.5 V and
Fixed Output Voltage Options
All Single or Dual Cell Battery Operated
Products Which Use Two System Voltages
Power-Save Mode for Improved Efficiency at
Like DSP C5X Applications
Low Output Power
Internet Audio Player, PDAs, Digital Still
Battery Supervision
Cameras and Other Portable Equipment
Power Good Output
Pushbutton Function for Start-Up
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS61107PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61107PW TI1-TPS61107PW Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61107PWG4 TI1-TPS61107PWG4 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61107PWR TI1-TPS61107PWR Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Description similaire - TPS61107PW

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS61100 TI1-TPS61100_15 Datasheet
1Mb / 35P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com