Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FPT-64P-M24 Fiches technique(PDF) 11 Page - Fujitsu Component Limited.

No de pièce FPT-64P-M24
Description  F2MC-8FX MB95160MA Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FPT-64P-M24 Fiches technique(HTML) 11 Page - Fujitsu Component Limited.

Back Button FPT-64P-M24 Datasheet HTML 7Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 8Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 9Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 10Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 11Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 12Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 13Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 14Page - Fujitsu Component Limited. FPT-64P-M24 Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
MB95160MA Series
DS07–12624–3E
11
■ I/O CIRCUIT TYPE
(Continued)
Type
Circuit
Remarks
A
• Oscillation circuit
• High-speed side
Feedback resistance : approx. 1 M
Ω
• Low-speed side
Feedback resistance : approx. 10 M
Ω
B
• Only for input
• Hysteresis input
B’
• Hysteresis input
• Reset output
F
• CMOS output
• LCD output
• Hysteresis input
• Analog input
• Automotive input
G
• CMOS output
• CMOS input
• Hysteresis input
• With pull-up control
• Automotive input
X0 (X0A)
N-ch
X1 (X1A)
Standby control
Clock input
Mode input
N-ch
Reset input
Reset output
P-ch
N-ch
Standby control
External interrupt
control
Digital output
Digital output
Hysteresis input
LCD control
Analog input
LCD output
A/D control
Automotive input
R
P-ch
N-ch
P-ch
Pull-up control
Standby control
Digital output
Digital output
Hysteresis input
CMOS input
Automotive input


Numéro de pièce similaire - FPT-64P-M24

FabricantNo de pièceFiches techniqueDescription
logo
Fujitsu Component Limit...
FPT-64P-M09 FUJITSU-FPT-64P-M09 Datasheet
58Kb / 1P
   LOW PROFILE QUAD FLAT PACKAGE 64 PIN PLASTIC
More results

Description similaire - FPT-64P-M24

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
MB95630H CYPRESS-MB95630H Datasheet
4Mb / 102P
   F2MC-8FX CPU core
MB95650L CYPRESS-MB95650L Datasheet
11Mb / 105P
   F2MC-8FX CPU core
MB95F613H CYPRESS-MB95F613H Datasheet
10Mb / 110P
   F2MC-8FX CPU core
MB95200H CYPRESS-MB95200H Datasheet
2Mb / 66P
   F2MC-8FX 8-bit Microcontroller
MB95220H CYPRESS-MB95220H Datasheet
2Mb / 58P
   F2MC-8FX 8-bit Microcontroller
MB95F394H CYPRESS-MB95F394H Datasheet
2Mb / 72P
   CMOS F2MC-8FX MB95390H Series 8-bit Microcontrollers
MB96650 CYPRESS-MB96650 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96630 CYPRESS-MB96630 Datasheet
1Mb / 69P
   F2MC-16FX CPU
MB96620 CYPRESS-MB96620 Datasheet
1Mb / 65P
   F2MC-16FX CPU
MB96680 CYPRESS-MB96680 Datasheet
1Mb / 68P
   F2MC-16FX CPU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com