Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS1 Fiches technique(PDF) 7 Page - Fujitsu Component Limited.

No de pièce CS1
Description  2ch DC/DC converter IC with PFM/ PWM synchronous rectification
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [Fujitsu Component Limited.]
Site Internet  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CS1 Fiches technique(HTML) 7 Page - Fujitsu Component Limited.

Back Button CS1 Datasheet HTML 3Page - Fujitsu Component Limited. CS1 Datasheet HTML 4Page - Fujitsu Component Limited. CS1 Datasheet HTML 5Page - Fujitsu Component Limited. CS1 Datasheet HTML 6Page - Fujitsu Component Limited. CS1 Datasheet HTML 7Page - Fujitsu Component Limited. CS1 Datasheet HTML 8Page - Fujitsu Component Limited. CS1 Datasheet HTML 9Page - Fujitsu Component Limited. CS1 Datasheet HTML 10Page - Fujitsu Component Limited. CS1 Datasheet HTML 11Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
7
MB39A214A
Limitation : development tool vendor use only
FUJITSU SEMICONDUCTOR CONFIDENTIAL
DS405-00007-1v0-E
ELECTRICAL CHARACTERISTICS
(Ta =
+25°C, VCC = 12 V, EN1, EN2 = 5 V)
Value
Parameter
Symbol
Pin
No.
Condition
Min
Typ
Max
Unit
Output voltage
VVB
18
VB = 0 A
5.04
5.20
5.36
V
Input stability
LINE
18
VCC = 6 V to 28 V
10
100
mV
Load stability
LOAD
18
VB = 0 A to
1 mA
10
100
mV
Bias Voltage
Block
[VB Reg.]
Short-circuit
output current
IOS
18
VB = 0 V
145 100
75
mA
VTLH
18
VB pin
4.0
4.3
4.6
V
Threshold voltage
VTHL
18
VB pin
3.7
4.0
4.3
V
Under
voltage
Lockout
Protection
Circuit Block
[UVLO]
Hysteresis width
VH
18
VB pin
0.3*
V
Charge current
ICS
5,8
CS1, CS2 = 0 V
1.5
1.0
0.75 µA
Electrical discharge
resistance
RD
3,10
EN1, EN2 = 0 V,
VOUT1, VOUT2
0.15 V
25*
Soft-Start/
Discharge
Block
[Soft Start,
Discharge]
Discharge end
voltage
VVOVTH
3,10
EN1, EN2 = 0 V,
VOUT1, VOUT2 pins
0.2*
V
tON11
24
FREQ pin GND connection
VCC = 12 V, VOUT1 = 1.5 V
430
538
646
ns
ON time
(Preset value 1)
tON21
13
FREQ pin GND connection
VCC = 12 V, VOUT2 = 1.5V
320
400
480
ns
tON12
24
FREQ pin OPEN
VCC = 12 V, VOUT1 = 1.5 V
210
263
316
ns
ON time
(Preset value 2)
tON22
13
FREQ pin OPEN
VCC = 12 V, VOUT2 = 1.5 V
160
200
240
ns
tON13
24
FREQ pin VB connection
VCC = 12 V, VOUT1 = 1.5 V
130
163
196
ns
ON time
(Preset value 3)
tON23
13
FREQ pin VB connection
VCC = 12 V, VOUT2 = 1.5 V
100
125
150
ns
tONMIN11
24
FREQ pin GND connection
VCC = 12 V, VOUT1 = 0V
136
191
ns
Minimum
ON time
(Preset value 1)
tONMIN21
13
FREQ pin GND connection
VCC = 12 V, VOUT2 = 0V
103
145
ns
tONMIN12
24
FREQ pin OPEN
VCC = 12 V, VOUT1 = 0V
77
108
ns
Minimum
ON time
(Preset value 2)
tONMIN22
13
FREQ pin OPEN
VCC = 12 V, VOUT2 = 0V
58
82
ns
tONMIN13
24
FREQ pin VB connection
VCC = 12V, VOUT1 = 0V
55
77
ns
Minimum
ON time
(Preset value 3)
tONMIN23
13
FREQ pin VB connection
VCC = 12 V, VOUT2 = 0V
43
61
ns
ON/OFF
Time
Generator
Block
[tON
Generator]
Minimum OFF time
tOFFMIN
24, 13
410
535
ns


Numéro de pièce similaire - CS1

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
CS1 COOPER-CS1 Datasheet
4Mb / 55P
   Circuit Protection Solutions Low Voltage Fuse Links Catalogue
logo
List of Unclassifed Man...
CS1 ETC2-CS1 Datasheet
63Kb / 1P
   Style CS1 and Style CW
CS10 ETC1-CS10 Datasheet
124Kb / 2P
   CS10
CS10 ETC2-CS10 Datasheet
794Kb / 1P
   AT-CUT CRYSTAL UNIT
logo
Token Electronics Indus...
CS10 TOKEN-CS10 Datasheet
427Kb / 8P
   CS Current Detecting Chip Resistors
More results

Description similaire - CS1

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
   2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
   2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
logo
Fujitsu Component Limit...
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
   2ch PFM/PWM DC/DC converter IC with synchronous rectification
logo
Cypress Semiconductor
S6AP111A28 CYPRESS-S6AP111A28 Datasheet
1Mb / 51P
   2ch DC/DC Converter IC with PWM Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
   1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
   1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C007 CYPRESS-MB39C007 Datasheet
2Mb / 41P
   2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C011A CYPRESS-MB39C011A Datasheet
1Mb / 53P
   2ch DC/DC Converter IC with Synchronous Rectification Datasheet
logo
Fujitsu Component Limit...
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
   4-ch DC/DC Converter IC with Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com