Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TP05DA48D12W Fiches technique(PDF) 3 Page - Toppower Electronic Technology Limited

No de pièce TP05DA48D12W
Description  5W Wide Input Voltage DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOPPOWER [Toppower Electronic Technology Limited]
Site Internet  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP05DA48D12W Fiches technique(HTML) 3 Page - Toppower Electronic Technology Limited

  TP05DA48D12W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP05DA48D12W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP05DA48D12W Datasheet HTML 3Page - Toppower Electronic Technology Limited TP05DA48D12W Datasheet HTML 4Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TP05DA Series
www.gztoppower.com
TEL:0086-20-82019000
Email:sales2@gztoppower.com
Page 3 of 4
Units: mm
Tolerance: ±0.2mm
MECHANICAL DIMENSIONS
PIN CONNECTION
Pin
Single Output
Dual Output
2
-Vin
-Vin
3
-Vin
-Vin
9
NC
/
(9)
/
Com
10
NC
NC
11
NC
/
(11)
/
-Vout
14
+Vout
+Vout
15
NC
NC
16
-Vout
/
(16)
/
Com
22
+Vin
+Vin
23
+Vin
+Vin
MODEL SELECTION
RECOMMEND CIRCUIT:
Single Output
+vin
-vin
Cin
+
+V0
Cout
+
-V0
DC-DC
TP 05
D
A 24 S 05 W
W:4:1 Wide voltage input range
Output voltage
S:single output
D:Dual output
Input Rated Voltage
Package type
DC-DC
Output rated power
Brand name
2
3
9
(9)
10 11
(11)
23 22
16 15 14
(16)
31.75
20.32 15.24
2.54
2.54
11.20
≥4.00
1.00
5.08
4.57
17.78
0.50
bottom view


Numéro de pièce similaire - TP05DA48D12W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA48D12W TOPPOWER-TP05DA48D12W Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
More results

Description similaire - TP05DA48D12W

FabricantNo de pièceFiches techniqueDescription
logo
Toppower Electronic Tec...
TP05DA-2KVDC TOPPOWER-TP05DA-2KVDC Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converters
TP05DB TOPPOWER-TP05DB Datasheet
196Kb / 4P
   5W Wide Voltage Input DC/DC Converters
TP05DB TOPPOWER-TP05DB_V01 Datasheet
725Kb / 4P
   5W 1.5KVDC Isolated Wide Voltage Input DC/DC Converters
TP05DA TOPPOWER-TP05DA_19 Datasheet
742Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA_V01 Datasheet
713Kb / 4P
   5W 1.5KVDC??KVDC Isolated Wide Input Voltage DC/DC Converters
TP05DA TOPPOWER-TP05DA Datasheet
201Kb / 4P
   5W Wide Input Voltage DC/DC Converter
logo
List of Unclassifed Man...
A05D12 ETC1-A05D12 Datasheet
37Kb / 2P
   INPUT 5W DC/DC CONVERTERS
logo
MicroPower Direct, LLC
A500RW MPD-A500RW Datasheet
164Kb / 2P
   Wide Input Range, 5W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP05AL TOPPOWER-TP05AL Datasheet
214Kb / 4P
   5W 3KVAC Isolation Wide Input AC/DC Converters
TP05AC TOPPOWER-TP05AC_19 Datasheet
1Mb / 3P
   5W 4KVAC Isolation Wide Input AC/DC Converters
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com