Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AVCA406GQCR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SN74AVCA406GQCR
Description  MMC SD CARD MEMORY STICK SMARTMEDIA AND XD PICTURE CARD 15KV ESD PROTECTED VOLTAGE TRANSLATION TRANSCEIVER
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74AVCA406GQCR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SN74AVCA406GQCR Datasheet HTML 3Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 4Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 5Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 6Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 7Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 8Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 9Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 10Page - Texas Instruments SN74AVCA406GQCR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
SN74AVCA406
MMC, SD CARD, Memory StickE, SmartMedia, AND xDPicture CardE
+15kV ESDPROTECTED VOLTAGETRANSLATION TRANSCEIVER
SCES615B – OCTOBER 2004 – REVISED DECEMBER 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Table 3. SD Card or MMC
PIN
NO.
PIN
NAME
SIGNAL NAME
OR
(CONNECTION)
PIN FUNCTION
PIN
TYPE
A1
VCCA
VCCA
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
Power
B1
10A1
CLK.h
Clock signal from host
Input
C1
9A
CMD.h
Command signal connected to host
I/O
D1
9DIR
CMD-dir.h
Direction control for 9A/9B
Input
E1
78DIR
(tie-high)
Direction control for 7A/7B and 8A/8B. Not used in this mode. Tie to VCCA.
Input
F1
7A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
G1
VCCA
VCCA
A-port supply voltage. VCCA powers all A-port I/Os and control inputs.
Power
A2
2A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
B2
3A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
C2
10A2
CLK-f.h
Clock feedback to host for resynchronizing data. Used in OMAP processors. Optional on
other processors. Leave unconnected if not used.
Output
D2
4A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
E2
6A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
F2
8A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
G2
5A
(tie-low)
I/O pin not used in this mode. Tie to GND.
I/O
A3
4DIR
(tie-high)
Direction control for 4A/4B. Not used in this mode. Tie to VCCA.
Input
B3
1A
DAT0.h
Data bit 1 connected to host. Referenced to VCCA.
I/O
C3
Depopulated ball
D3
56DIR
(tie-high)
Direction control for 5A/5B and 6A/6B. Not used in this mode. Tie to VCCA.
Input
E3
GND
GND
Ground
F3
12A
DNU
Output pin not used in this mode. Do not use. Leave unconnected.
Output
G3
11A
(tie-low)
Input pin not used in this mode. Tie to GND.
Input
A4
2DIR
(tie-high)
Direction control for 2A/2B. Not used in this mode. Tie to VCCA.
Input
B4
1DIR
DAT0-dir.h
Direction control for 1A/1B
Input
C4
3DIR
(tie-high)
Direction control for 3A/3B. Not used in this mode. Tie to VCCA.
Input
D4
GND
GND
Ground
E4
CS0
CS0.h
Card select from host. Active low. When CS0 = high, 1A, 2A, 3A, 4A, 1B, 2B, 3B, 4B, and 9B1
are placed in Hi Z.
Input
F4
13A
(tie-low)
Input pin not used in this mode. Tie to GND.
Input
G4
CS1
(tie-high)
Card select. Not used in this mode. For proper operation tie to VCCA.
Input
A5
MODE1
(tie-low)
MODE1, MODE0 determine mode of operation (see Table 1). Tie to GND in this mode.
Input
B5
MODE0
(tie-low)
MODE1, MODE0 determine mode of operation (see Table 1). Tie to GND in this mode.
Input
C5
GND
GND
Ground
D5
4B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
E5
GND
GND
Ground
F5
7B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
G5
8B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
A6
10B1
CLK
Clock signal connected to card
Output
B6
9B1
CMD
Command signal connected to card
Output
C6
2B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O
D6
11B
DNU
Output pin not used in this mode. Leave unconnected.
Output
E6
10B2
DNU
Output pin not used in this mode. Leave unconnected.
Output
F6
5B
DNU
I/O pin not used in this mode. Leave unconnected.
I/O


Numéro de pièce similaire - SN74AVCA406GQCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA406GQCR TI-SN74AVCA406GQCR Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406GQCR TI-SN74AVCA406GQCR Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406GQCR TI1-SN74AVCA406GQCR Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
More results

Description similaire - SN74AVCA406GQCR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AVCA406 TI-SN74AVCA406_10 Datasheet
2Mb / 45P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406 TI-SN74AVCA406_07 Datasheet
2Mb / 43P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
AVCE6467T TI1-AVCE6467T Datasheet
2Mb / 44P
[Old version datasheet]   MMC, SD CARD, Memory Stick, SmartMedia, AND xD-Picture Card 짹15-kV ESD-PROTECTED VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
TXS0206-29 TI1-TXS0206-29_16 Datasheet
504Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick VOLTAGE-TRANSLATION TRANSCEIVER AND LDO
TXS0206 TI-TXS0206 Datasheet
583Kb / 27P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206 TI-TXS0206_10 Datasheet
496Kb / 30P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER WITH ESD PROTECTION AND EMI FILTERING
TXS0206-29 TI-TXS0206-29 Datasheet
419Kb / 23P
[Old version datasheet]   MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER AND LDO VOLTAGE REGULATOR WITH ESD PROTECTION AND EMI FILTERING
SN74AVCA406E TI-SN74AVCA406E Datasheet
576Kb / 22P
[Old version datasheet]   MMC AND SD CARD VOLTAGE-TRANSLATION TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com