Moteur de recherche de fiches techniques de composants électroniques |
|
SM8707DV Fiches technique(PDF) 6 Page - Nippon Precision Circuits Inc |
|
SM8707DV Fiches technique(HTML) 6 Page - Nippon Precision Circuits Inc |
6 / 20 page SM8707 series NIPPON PRECISION CIRCUITS INC.—6 DC Electrical Characteristics I SM8707D/F/H/K/L fXTAL = 27.0000MHz, VDD = 3.3V ± 0.3V, VSS = 0V, Ta = – 40 to + 85 °C unless otherwise noted. I SM8707E/G fXTAL = 27.0000MHz, VDD = 3.3V ± 0.3V, VSS = 0V, Ta = – 10 to + 75 °C unless otherwise noted. Parameter Symbol Pins Condition Rating Unit min typ max Current consumption IDD VDD VDD = 3.3V, Ta = 25°C, fs = 48kHz, Crystal oscillator connected, no load on all outputs Excluding SM8707G –35 45 mA SM8707G – 20 27 Input voltage VIH FSEL, XTI VDD = 3.3V 0.8 VDD –– V VIL – – 0.2 VDD Input current IIH1 FSEL1 1. FSEL pin has Schmitt-trigger input and built-in pull-up resistor (SM8707G: NC pin). VIN = VDD ––1 µA IIL1 VIN = 0V – 100 – − IIH2 XTI VIN = VDD –– 40 IIL2 VIN = 0V – 40 – − Output voltage VOH All outputs excluding XTO IOH = − 2mA VDD − 0.4 – – V VOL IOL = 2mA – – 0.4 |
Numéro de pièce similaire - SM8707DV |
|
Description similaire - SM8707DV |