Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FME0V223ZFL118 Fiches technique(PDF) 4 Page - Kemet Corporation

No de pièce FME0V223ZFL118
Description  Supercapacitors FM Series
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEMET [Kemet Corporation]
Site Internet  http://www.kemet.com
Logo KEMET - Kemet Corporation

FME0V223ZFL118 Fiches technique(HTML) 4 Page - Kemet Corporation

  FME0V223ZFL118 Datasheet HTML 1Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 2Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 3Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 4Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 5Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 6Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 7Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 8Page - Kemet Corporation FME0V223ZFL118 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
S6012_FM • 10/5/2016
Supercapacitors – FM Series
Table 1 – Ratings & Part Number Reference
Part Number
Maximum
Operating
Voltage (VDC)
Nominal Capacitance
Maximum ESR
at 1 kHz (Ω)
Maximum
Current at 30
Minutes (mA)
Voltage Holding
Characteristic
Minimum (V)
Weight (g)
Charge
System (F)
Discharge
System (F)
FM0V473ZF
3.5
0.047
0.06
200
0.042
1.3
FMR0V104ZF
3.5
0.10
50
0.090
1.6
FM0V104ZF
3.5
0.10
0.13
100
0.090
1.3
FM0V224ZF
3.5
0.22
0.30
100
0.20
1.6
FM0H103ZF
5.5
0.01
0.014
300
0.015
4.2
1.3
FME0H223ZF
5.5
0.022
0.028
40
0.033
1.3
FM0H223ZF
5.5
0.022
0.028
200
0.033
4.2
1.3
FML0H333ZF
5.5
0.033
6.5
0.050
1.3
FME0H473ZF
5.5
0.047
0.06
20
0.071
1.3
FMC0H473ZF
5.5
0.047
0.06
100
0.071
4.2
1.3
FM0H473ZF
5.5
0.047
0.06
200
0.071
4.2
1.3
FMR0H473ZF
5.5
0.047
0.062
200
0.071
4.2
1.6
FMR0H104ZF
5.5
0.10
50
0.15
4.2
1.6
FMC0H104ZF
5.5
0.10
0.13
50
0.15
4.2
1.6
FM0H104ZF
5.5
0.10
0.13
100
0.15
4.2
1.6
FM0H224ZF
5.5
0.22
100
0.33
4.2
1.6
FMC0H334ZF
5.5
0.33
25
0.50
4.2
3.5
FM0J473ZF
6.5
0.047
0.062
200
0.071
1.6


Numéro de pièce similaire - FME0V223ZFL118

FabricantNo de pièceFiches techniqueDescription
logo
Kemet Corporation
FME0V223ZF-L116 KEMET-FME0V223ZF-L116 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0V223ZF-L118 KEMET-FME0V223ZF-L118 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0V223ZFTP16 KEMET-FME0V223ZFTP16 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
FME0V223ZFTP18 KEMET-FME0V223ZFTP18 Datasheet
560Kb / 17P
   Supercapacitors
12/16/2022
More results

Description similaire - FME0V223ZFL118

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
XB3550-2R5307-R COOPER-XB3550-2R5307-R Datasheet
259Kb / 2P
   Supercapacitors XB Series
logo
Kemet Corporation
FY0H104ZF KEMET-FY0H104ZF_16 Datasheet
657Kb / 13P
   Supercapacitors FY Series
FG0H104ZF KEMET-FG0H104ZF Datasheet
769Kb / 14P
   Supercapacitors FG Series
logo
Cooper Bussmann, Inc.
XV3550-2R7307-R COOPER-XV3550-2R7307-R Datasheet
259Kb / 2P
   Supercapacitors XV Series
logo
Kemet Corporation
FT0H104ZF KEMET-FT0H104ZF Datasheet
703Kb / 14P
   Supercapacitors FT Series
FY0H104ZF KEMET-FY0H104ZF Datasheet
740Kb / 14P
   Supercapacitors FY Series
logo
Cooper Bussmann, Inc.
PB-5R0V474-R COOPER-PB-5R0V474-R Datasheet
254Kb / 2P
   Supercapacitors PB Series
logo
Kemet Corporation
FA0H104ZF KEMET-FA0H104ZF Datasheet
782Kb / 13P
   Supercapacitors FA Series
FR0H104ZF KEMET-FR0H104ZF Datasheet
736Kb / 14P
   Supercapacitors FR Series
FS0H104ZF KEMET-FS0H104ZF Datasheet
766Kb / 14P
   Supercapacitors FS Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com