Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT54CXV3 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce BAT54CXV3
Description  Dual Series Schottky Barrier Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAT54CXV3 Fiches technique(HTML) 2 Page - ON Semiconductor

  BAT54CXV3 Datasheet HTML 1Page - ON Semiconductor BAT54CXV3 Datasheet HTML 2Page - ON Semiconductor BAT54CXV3 Datasheet HTML 3Page - ON Semiconductor BAT54CXV3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAT54CXV3
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage
(IR = 10 mA)
V(BR)R
30
V
Total Capacitance
(VR = 1.0 V, f = 1.0 MHz)
CT
7.6
10
pF
Reverse Leakage
(VR = 25 V)
IR
0.5
2.0
mAdc
Forward Voltage
(IF = 0.1 mA)
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 30 mA)
(IF = 100 mA)
VF
0.22
0.29
0.35
0.41
0.52
0.24
0.32
0.40
0.50
0.80
V
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc, Figure 1)
trr
5.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2 k
820
W
0.1
mF
DUT
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
T
10%
90%
IF
IR
trr
T
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Numéro de pièce similaire - BAT54CXV3

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
BAT54CXV3 ONSEMI-BAT54CXV3 Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
BAT54CXV3D ONSEMI-BAT54CXV3D Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
BAT54CXV3T1 ONSEMI-BAT54CXV3T1 Datasheet
47Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 1
BAT54CXV3T1G ONSEMI-BAT54CXV3T1G Datasheet
47Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 1
BAT54CXV3T1G ONSEMI-BAT54CXV3T1G Datasheet
100Kb / 4P
   Dual Series Schottky Barrier Diodes
August, 2010 ??Rev. 2
More results

Description similaire - BAT54CXV3

FabricantNo de pièceFiches techniqueDescription
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com