Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EGP30A Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce EGP30A
Description  3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

EGP30A Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  EGP30A Datasheet HTML 1Page - List of Unclassifed Manufacturers EGP30A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
EGP30A........ EGP30J
3 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier
• Glass Passivated Junction
• High current capability
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial Leads
• Polarity: Color band denotes cathode
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 350 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
3 mm. to the body.
Dimensions in mm.
DO-201AD
(Plastic)
EGP30A
50
Maximum Ratings, according to IEC publication No. 134
Peak Recurrent reverse voltage (V)
Maximum RMS voltage
Maximum DC blocking voltage
Forward current at Tamb = 55 °C
Recurrent peak forward current
8.3 ms. peak forward surge current
V
RRM
VRMS
VDC
I
F(AV)
I
FRM
I
FSM
3 A
30 A
125 A
T
j
T
stg
Operating temperature range
Storage temperature range
– 65 to + 150 °C
– 65 to + 150 °C
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage drop at I
F = 3 A
I
R
5 µ A
50 µ A
0.95 V
Max. reverse current at V
RRM
t
rr
Max. reverse recovery time from
50 ns
EGP30B
100
EGP30D
200
EGP30F
300
EGP30G
400
I
F = 0.5 A ; IR = 1 A ; IRR = 0.25 A
R
thj-a
Max. thermal resistance ( l = 10 mm.)
30 °C/W
Voltage
50 to 600 V.
Current
3 A at 55 ºC.
at 25 ºC
at 150 ºC
35
50
70
100
140
200
210
300
280
400
(Jedec Method)
C
j
Typical Junction Capacitance at 1 MHz
and reverse voltaje of 4V
DC
90 pF
E
RSM
Maximum non repetitive peak
reverse avalanche energy.
IR = 1A ; TJ = 25 ºC
20 mJ
45 pF
1.25 V
EGP30J
600
420
600
9.1 ± 0.3
62.5 ± 0.5


Html Pages

1  2 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
EGP10A 1 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
EGP50A 5 Amp. Glass Passivated Avalanche Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
31DF2 3 Amp. Glass Passivated Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FES3A 3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FUF4001 1 Amp. Glass Passivated Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FUF5400 3 Amp. Glass Passivated Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FES2A 2 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FESIA 1 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FRS1A 1 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier 1  2  List of Unclassifed Manufacturers
FRS3A 3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier 1  2  List of Unclassifed Manufacturers

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn