Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT63-02V Fiches technique(PDF) 2 Page - Infineon Technologies AG

No de pièce BAT63-02V
Description  Silicon Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAT63-02V Fiches technique(HTML) 2 Page - Infineon Technologies AG

  BAT63-02V Datasheet HTML 1Page - Infineon Technologies AG BAT63-02V Datasheet HTML 2Page - Infineon Technologies AG BAT63-02V Datasheet HTML 3Page - Infineon Technologies AG BAT63-02V Datasheet HTML 4Page - Infineon Technologies AG BAT63-02V Datasheet HTML 5Page - Infineon Technologies AG BAT63-02V Datasheet HTML 6Page - Infineon Technologies AG BAT63-02V Datasheet HTML 7Page - Infineon Technologies AG BAT63-02V Datasheet HTML 8Page - Infineon Technologies AG BAT63-02V Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2011-06-15
2
BAT63...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Reverse current
VR = 3 V
IR
-
-
10
µA
Forward voltage
IF = 1 mA
VF
-
190
300
mV
Forward voltage matching2)
IF = 1 mA
∆ VF
-
-
20
AC Characteristics
Diode capacitance
VR = 0.2 V, f = 1 MHz
CT
-
0.65
0.85
pF
Differential resistance
VR = 0 , f = 10 kHz
R0
-
30
-
k
1For calculation of RthJA please refer to Application Note Thermal Resistance
2∆VF is the difference between lowest and highest VF in a multiple diode component.


Numéro de pièce similaire - BAT63-02V

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAT63-02V INFINEON-BAT63-02V Datasheet
853Kb / 9P
   Silicon Schottky Diode
2009-03-11
BAT63-02V INFINEON-BAT63-02V Datasheet
889Kb / 9P
   Low barrier diode for detectors up to GHz frequencies
2011-06-15
More results

Description similaire - BAT63-02V

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
   Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
logo
Infineon Technologies A...
BAS52 INFINEON-BAS52 Datasheet
394Kb / 4P
   Silicon Schottky Diode
Nov-04-2002
BAS140W INFINEON-BAS140W Datasheet
506Kb / 8P
   Silicon Schottky Diode
Jan-16-200
BAS170W INFINEON-BAS170W Datasheet
46Kb / 4P
   Silicon Schottky Diode
Aug-06-2001
BAT14 INFINEON-BAT14 Datasheet
386Kb / 3P
   Silicon Schottky Diode
Feb-03-2003
BAT60B INFINEON-BAT60B Datasheet
419Kb / 4P
   Silicon Schottky Diode
Jun-15-2004
BAT2402LSE6327 INFINEON-BAT2402LSE6327 Datasheet
578Kb / 6P
   Silicon Schottky Diode
2011-06-15
logo
Central Semiconductor C...
CMOSH2-4L CENTRAL-CMOSH2-4L_15 Datasheet
494Kb / 2P
   SILICON SCHOTTKY DIODE
logo
M/A-COM Technology Solu...
SMS202 MA-COM-SMS202 Datasheet
532Kb / 3P
   Silicon Schottky Diode
logo
Continental Device Indi...
UBMS10BC CDIL-UBMS10BC Datasheet
122Kb / 3P
   SILICON SCHOTTKY DIODE
logo
Guangdong Kexin Industr...
BAT17-04W KEXIN-BAT17-04W Datasheet
47Kb / 1P
   Silicon Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com