Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAR63-02L Fiches technique(PDF) 1 Page - Infineon Technologies AG

No de pièce BAR63-02L
Description  Silicon PIN Diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INFINEON [Infineon Technologies AG]
Site Internet  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BAR63-02L Fiches technique(HTML) 1 Page - Infineon Technologies AG

  BAR63-02L Datasheet HTML 1Page - Infineon Technologies AG BAR63-02L Datasheet HTML 2Page - Infineon Technologies AG BAR63-02L Datasheet HTML 3Page - Infineon Technologies AG BAR63-02L Datasheet HTML 4Page - Infineon Technologies AG BAR63-02L Datasheet HTML 5Page - Infineon Technologies AG BAR63-02L Datasheet HTML 6Page - Infineon Technologies AG BAR63-02L Datasheet HTML 7Page - Infineon Technologies AG BAR63-02L Datasheet HTML 8Page - Infineon Technologies AG BAR63-02L Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2011-07-18
1
BAR63...
Silicon PIN Diodes
• PIN diode for high speed
switching of RF signals
• Very low forward resistance (low insertion loss)
• Very low capacitance (high isolation)
• For frequencies up to 3GHz
• Pb-free (RoHS compliant) package
• Qualified according AEC Q1011)
BAR63-06
BAR63-06W
BAR63-05
BAR63-05W
BAR63-02..
BAR63-03W
BAR63-04
BAR63-04W

!

,
, 
!

,
, 
!

,
, 
Type
Package
Configuration
LS(nH) Marking
BAR63-02L*
BAR63-02V
BAR63-02W
BAR63-03W
BAR63-04
BAR63-04W
BAR63-05
BAR63-05W
BAR63-06
BAR63-06W
TSLP-2-1
SC79
SCD80
SOD323
SOT23
SOT323
SOT23
SOT323
SOT23
SOT323
single, leadless
single
single
single
series
series
common cathode
common cathode
common anode
common anode
0.4
0.6
0.6
1.8
1.8
1.4
1.8
1.4
1.8
1.4
G
G
GG
white G
G4s
G4s
G5s
G5s
G6s
G6s
1*BAR63-02L is not qualified according AEC Q101


Numéro de pièce similaire - BAR63-02L

FabricantNo de pièceFiches techniqueDescription
logo
Infineon Technologies A...
BAR63-02L INFINEON-BAR63-02L Datasheet
497Kb / 9P
   Silicon PIN Diodes
Jun-27-2003
BAR63-02L INFINEON-BAR63-02L Datasheet
180Kb / 16P
   Silicon PIN Diodes
2007-04-19
BAR63-02L INFINEON-BAR63-02L Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results

Description similaire - BAR63-02L

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BAR60 KEXIN-BAR60 Datasheet
38Kb / 1P
   Silicon PIN Diodes
BAR14 KEXIN-BAR14 Datasheet
39Kb / 1P
   Silicon PIN Diodes
BAR50-03W KEXIN-BAR50-03W Datasheet
39Kb / 2P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR50 INFINEON-BAR50 Datasheet
465Kb / 8P
   Silicon PIN Diodes
Feb-04-2003
logo
Vishay Siliconix
BA479G VISHAY-BA479G Datasheet
36Kb / 3P
   Silicon PIN Diodes
Rev. 2, 01-Apr-99
logo
Infineon Technologies A...
BAR-50-02V-H6327 INFINEON-BAR-50-02V-H6327 Datasheet
982Kb / 12P
   Silicon PIN Diodes
2011-07-18
BAR50 INFINEON-BAR50_09 Datasheet
874Kb / 12P
   Silicon PIN Diodes
2009-05-13
logo
Vishay Siliconix
BA7792 VISHAY-BA7792 Datasheet
46Kb / 3P
   Silicon PIN Diodes
Rev. 3, 01-Apr-99
logo
Siemens Semiconductor G...
BA682 SIEMENS-BA682 Datasheet
52Kb / 3P
   SILICON PIN DIODES
BAR14-1 SIEMENS-BAR14-1 Datasheet
69Kb / 3P
   Silicon PIN Diodes
logo
Infineon Technologies A...
BAR-63-02V-H6327 INFINEON-BAR-63-02V-H6327 Datasheet
1Mb / 16P
   Silicon PIN Diodes
2011-07-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com