Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TC752600MAFNBNXZC-PF Fiches technique(PDF) 3 Page - Advanced Crystal Technology

No de pièce TC752600MAFNBNXZC-PF
Description  TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACT [Advanced Crystal Technology]
Site Internet  http://www.actcrystals.com
Logo ACT - Advanced Crystal Technology

TC752600MAFNBNXZC-PF Fiches technique(HTML) 3 Page - Advanced Crystal Technology

  TC752600MAFNBNXZC-PF Datasheet HTML 1Page - Advanced Crystal Technology TC752600MAFNBNXZC-PF Datasheet HTML 2Page - Advanced Crystal Technology TC752600MAFNBNXZC-PF Datasheet HTML 3Page - Advanced Crystal Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(V)TCSW75 Series
TCXO/VC‐TCXO, 7.0 x 5.0mm, Clipped sine wave
Drawing control: (Internal use only)
Commodity code: 854370 90 99
 Issue number : 1
Date : 11042016
Internal reference : M6
Advanced Crystal Technology (A wholly owned Acal BFi Company)
Tel: +44 (0) 118 978 8878  Email info@actcrystals.com / www.actcrystals.com 
ISO9001 Registered 
Specifications subject to change without notification 
CL
Pin 1
Pin 2
Pin 3
Pin 4
CD
RL
Output
GND
GND for TCXO
Vc for VCTCXO
Vcc
V
A
Supply
Vcc
Test circuit 
Clipped sine waveform
Solder reflow profile
Temp.( °C)
Time (sec.)
180 ± 10°C
90~120 sec. max
0.45 in
260 ± 5°C
10 sec. max
300
250
200
150
100
50
0
220 ± 10°C
30~40 sec. max


Numéro de pièce similaire - TC752600MAFNBNXZC-PF

FabricantNo de pièceFiches techniqueDescription
logo
Cornell Dubilier Electr...
TC75202 CDE-TC75202 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
TC75251 CDE-TC75251 Datasheet
152Kb / 2P
   Axial Leaded Aluminum Electrolytic Capacitors
More results

Description similaire - TC752600MAFNBNXZC-PF

FabricantNo de pièceFiches techniqueDescription
logo
Advanced Crystal Techno...
TCSW75LC ACT-TCSW75LC Datasheet
780Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, Clipped sine wave
11042016
TCSW53 ACT-TCSW53 Datasheet
778Kb / 3P
   TCXO/VC-TCXO, 5.0 x 3.2mm, Clipped sine wave
12042016
TCSW32 ACT-TCSW32 Datasheet
779Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TSK3225 ACT-TSK3225 Datasheet
752Kb / 3P
   TCXO/VC-TCXO, 3.2 x 2.5mm, Clipped sine wave
11042016
TCT75-4 ACT-TCT75-4_17 Datasheet
240Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, HCMOS/TTL
01/02/2017
TFCT75 ACT-TFCT75 Datasheet
768Kb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, HCMOS, Programmable
25042016
TCT75-4 ACT-TCT75-4 Datasheet
766Kb / 3P
   TCXO/VC-TCXO 7.0 x 5.0mm, HCMOS/TTL
25042016
TDLV75 ACT-TDLV75 Datasheet
866Kb / 3P
   TCXO/VC‐TCXO, 7.0 x 5.0mm, LVDS output
25042016
logo
QUARTZCOM the communica...
VT7-302 QUARTZCOM-VT7-302 Datasheet
113Kb / 1P
   SMD VC-TCXO Clipped sine wave Output signal clipped sine wave
logo
Advanced Crystal Techno...
TPL75 ACT-TPL75 Datasheet
2Mb / 3P
   TCXO/VC-TCXO, 7.0 x 5.0mm, LVPECL output
25042016
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com